Electronic Components Datasheet Search
  English  ▼

X  

X11SSL-F Datasheet(PDF) 59 Page - List of Unclassifed Manufacturers

Part # X11SSL-F
Description  X11SSM(-F)/X11SSL(-F) User Manual
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

X11SSL-F Datasheet(HTML) 59 Page - List of Unclassifed Manufacturers

Back Button X11SSL-F Datasheet HTML 55Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 56Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 57Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 58Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 59Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 60Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 61Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 62Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 63Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 124 page
background image
59
Chapter 2: Installation
CPU
VGA
LAN2
LAN1
LE1
COM1
USB6/7
(3.0)
USB0/1
IPMI_LAN
JUIDB1
MAC CODE
JPL1
LED BMC
JPL2
FAN1
FAN2
FAN3
FANA
LED PWR
USB10(3.0)
JF1
I-SATA2
I-SATA7
JBT1
JL1
USB2/3
X11SSM(-F)/X11SSL(-F)
REV:1.01
Designed in the USA
BMC
SP1
Intel PCH
BT1
1
1. Watch Dog
2. SMBus to PCI Slots
2
Watch Dog
Watch Dog (JWD1) is a system monitor that can reboot the system when a software
application hangs. Close pins 1-2 to reset the system if an application hangs. Close pins 2-3
to generate a non-maskable interrupt (NMI) signal for the application that hangs. Refer to the
table below for jumper settings. The Watch Dog must also be enabled in the BIOS.
Watch Dog
Jumper Settings
Jumper Setting
Definition
Pins 1-2
Reset
Pins 2-3
NMI
Open
Disabled
SMBus to PCI Slots
Use jumpers JI2C1 and JI2C2 to connect the System Management Bus (I2C) to PCI-Express
slots to improve PCI performance. These two jumpers should be set at the same time. Refer
to the table below for jumper settings. The default setting is Enabled.
I2C for PCI-E Slots
Jumper Settings
Jumper Setting
Definition
Pins 1-2
Enabled
Pins 2-3
Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com