Electronic Components Datasheet Search
  English  ▼

X  

X11SSL-F Datasheet(PDF) 79 Page - List of Unclassifed Manufacturers

Part # X11SSL-F
Description  X11SSM(-F)/X11SSL(-F) User Manual
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

X11SSL-F Datasheet(HTML) 79 Page - List of Unclassifed Manufacturers

Back Button X11SSL-F Datasheet HTML 75Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 76Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 77Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 78Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 79Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 80Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 81Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 82Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 83Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 124 page
background image
Chapter 4: BIOS
79
Active Processor Cores
This feature determines how many CPU cores will be activated for each CPU. When all
is selected, all cores in the CPU will be activated. (Please refer to Intel's website for more
information.) The options are
All and 1, 2, and 3.
Intel® Virtualization Technology
Select Enable to use Intel Virtualization Technology so that I/O device assignments will be
reported directly to the VMM (Virtual Memory Management) through the DMAR ACPI Tables.
This feature offers fully-protected I/O resource-sharing across the Intel platforms, providing
the user with greater reliability, security and availability in networking and data-sharing. The
options are
Enabled and Disabled.
Hardware Prefetcher (Available when supported by the CPU)
If set to Enabled, the hardware prefetcher will prefetch streams of data and instructions from
the main memory to the L2 cache to improve CPU performance. The options are Disabled
and
Enabled.
Adjacent Cache Line Prefetch (Available when supported by the CPU)
The CPU prefetches the cache line for 64 bytes if this feature is set to Disabled. The CPU
prefetches both cache lines for 128 bytes as comprised if this feature is set to
Enabled.
CPU AES
Select Enabled to enable Intel CPU Advanced Encryption Standard (AES) Instructions for
CPU to enhance data integrity. The options are
Enabled and Disabled.
Boot Performance Mode
This feature allows the user to select the performance state that the BIOS will set before the
operating system handoff. The options are Power Saving,
Max Non-Turbo Performance
and Turbo Performance.
HardWare P-States (HWP)
Use this feature to enable or disable hardware P-States support. The options are
Disabled
and Enabled.
Intel® SpeedStep™
Intel SpeedStep Technology allows the system to automatically adjust processor voltage and
core frequency to reduce power consumption and heat dissipation. The options are Disabled
and
Enabled.
Turbo Mode
Select Enabled for processor cores to run faster than the frequency specified by the
manufacturer. The options are Disabled and
Enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com