Electronic Components Datasheet Search
  English  ▼

X  

X11SSL-F Datasheet(PDF) 83 Page - List of Unclassifed Manufacturers

Part # X11SSL-F
Description  X11SSM(-F)/X11SSL(-F) User Manual
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

X11SSL-F Datasheet(HTML) 83 Page - List of Unclassifed Manufacturers

Back Button X11SSL-F Datasheet HTML 79Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 80Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 81Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 82Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 83Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 84Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 85Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 86Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 87Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 124 page
background image
Chapter 4: BIOS
83
DMI/OPI Configuration
The following DMI information will display:
• DMI
DMI VC1 Control
Use this feature to enable or disable DMI Virtual Channel 1. The options are Enabled and
Disabled.
DMI VCm Control
Use this feature to enable or disable the DMI Virtual Channel map. The options are
Enabled
and Disabled.
DMI Link ASPM Control
Use this feature to set the ASPM (Active State Power Management) state on the SA (System
Agent) side of the DMI Link. The options are Disabled and
L1.
DMI Extended Sync Control
Use this feature to enable or disable the DMI extended synchronization. The options are
Enabled and
Disabled.
DMI De-Emphasis Control
Use this feature to configure the De-emphasis control on DMI. The options are -6dB and
-3.5dB.
PEG Port Configuration
CPU SLOT6 PCI-E 3.0 X8 (IN X16)
SLOT6 Max Link Speed
Use this item to configure the link speed of a PCI-E port specified by the user. The options
are
Auto, Gen1, Gen2, and Gen3.
SLOT6 Max Payload Size
Select Auto for the system BIOS to automatically set the maximum payload value for a PCI-E
device to enhance system performance. The options are
Auto, 128 TLP, and 256 TLP.
SLOT6 Slot Power Limit Value
Use this feature to set the upper limit on the power supplied by the PCIE slot. Press "+"
or "-" on your keyboard to change this value. The default setting is
75.
SLOT6 Slot Power Limit Scale
Use this feature to select the scale used for the slot power limit value. The options are
1.0x, 0.1x, 0.01x, and 0.001x.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com