Electronic Components Datasheet Search
  English  ▼

X  

X11SSL-F Datasheet(PDF) 82 Page - List of Unclassifed Manufacturers

Part # X11SSL-F
Description  X11SSM(-F)/X11SSL(-F) User Manual
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

X11SSL-F Datasheet(HTML) 82 Page - List of Unclassifed Manufacturers

Back Button X11SSL-F Datasheet HTML 78Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 79Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 80Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 81Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 82Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 83Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 84Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 85Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 86Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 124 page
background image
X11SSM(-F)/X11SSL(-F) User Manual
82
Chipset Configuration
Warning: Setting the wrong values in the following features may cause the system to malfunc-
tion.
System Agent (SA) Configuration
The following System Agent information will display:
• System Agent Bridge Name
• SA PCIe Code Version
• VT-d
VT-d
Select Enabled to enable Intel Virtualization Technology support for Direct I/O VT-d by
reporting the I/O device assignments to VMM through the DMAR ACPI Tables. This feature
offers fully-protected I/O resource-sharing across the Intel platforms, providing the user with
greater reliability, security and availability in networking and data-sharing. The options are
Enabled and Disabled.
Gaussian Mixture Model
This feature is to enable or disable the System Agent Gaussian Mixture Model device. The
opitons are
Enabled and Disabled.
Graphics Configuration
Primary Display
Use this feature to select the graphics device to be used as the primary display. The options
are
Auto, PEG, and PCIE.
Primary PEG
This feature allows the user to select the primary PCI Express Graphics (PEG) slot. The
options are
CPU SLOT6 PCI-E 3.0 X8 (IN X16) and CPU SLOT7 PCI-E 3.0 X8.
Primary PCIE (PCI-Express Graphics)
This feature allows the user to specify which graphics card to be used as the primary
graphics card. The options are
Onboard, PCH SLOT4 PCI-E 3.0 X4 (IN X8), and PCH
SLOT5 PCI-E 3.0 X4 (IN X8).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com