Electronic Components Datasheet Search
  English  ▼

X  

X11SSL-F Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # X11SSL-F
Description  X11SSM(-F)/X11SSL(-F) User Manual
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

X11SSL-F Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button X11SSL-F Datasheet HTML 41Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 42Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 43Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 44Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 45Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 46Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 47Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 48Page - List of Unclassifed Manufacturers X11SSL-F Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 124 page
background image
45
Chapter 2: Installation
Power Button
OH/Fan Fail LED
1
NIC1 Link Active LED
Reset Button
2
Power Fail LED
HDD LED
FP PWRLED
Reset
PWR
P3V3
P3V3_STBY/ID_UID_SW
UID LED
Ground
Ground
19
20
P3V3
NC
Ground
SW_NMI_N
NC
NIC2 Link Active LED
P3V3_STBY
P3V3_STBY
Power LED
The Power LED connection is located on pins 15 and 16 of JF1. Refer to the table below
for pin definitions.
Power LED
Pin Definitions (JF1)
Pin# Definition
15
3.3V
16
PWR LED
NMI Button
The non-maskable interrupt button header is located on pins 19 and 20 of JF1. Refer to the
table below for pin definitions.
NMI Button
Pin Definitions (JF1)
Pin# Definition
19
Control
20
Ground
1. PWR LED
2. NMI
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com