Electronic Components Datasheet Search
  English  ▼

X  

LTC3335 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC3335
Description  Wireless Power Receiver and 400mA Buck Battery Charger
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3335 Datasheet(HTML) 4 Page - Analog Devices

  LTC3335 Datasheet HTML 1Page - Analog Devices LTC3335 Datasheet HTML 2Page - Analog Devices LTC3335 Datasheet HTML 3Page - Analog Devices LTC3335 Datasheet HTML 4Page - Analog Devices LTC3335 Datasheet HTML 5Page - Analog Devices LTC3335 Datasheet HTML 6Page - Analog Devices LTC3335 Datasheet HTML 7Page - Analog Devices LTC3335 Datasheet HTML 8Page - Analog Devices LTC3335 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LTC4120/LTC4120-4.2
4
Rev. G
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = VRUN = 15V, VCHGSNS = VBAT = 4V, RPROG = 3.01k,
VFB = 2.29V (LTC4120), VBATSNS = 4V (LTC4120-4.2). Current into a pin is positive out of the pin is negative.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ILOWBAT
Low Battery Linear Charge Current
0V < VFB < VTRKL, VBAT = 2.6V (LTC4120),
VBATSNS < VTRKL_4.2, VBAT = 2.6V (LTC4120-4.2)
6
9
16
mA
VLOWBAT
Low Battery Threshold Voltage
VBAT Rising (LTC4120),
VBATSNS Rising (LTC4120-4.2)
l
2.15
2.21
2.28
V
Hysteresis
147
mV
ITRKL
Switch Mode Trickle Charge Current
VLOWBAT < VBAT, VFB < VTRKL (LTC4120) (Note 5),
VLOWBAT < VBATSNS < VTRKL_4.2 (LTC4120-4.2)
ICHG/10
mA
PROG Pin Servo Voltage in Switch Mode
Trickle Charge
VLOWBAT < VBAT, VFB < VTRKL (LTC4120) (Note 5),
VLOWBAT < VBATSNS < VTRKL_4.2 (LTC4120-4.2)
122
mV
VTRKL
Trickle Charge Threshold
VFB Rising (LTC4120) (Note 5)
l
1.64
1.68
1.71
V
Hysteresis
VFB Falling (LTC4120) (Note 5)
50
mV
VTRKL_4.2
Trickle Charge Threshold
VBATSNS Rising (LTC4120-4.2)
l
2.86
2.91
2.98
V
Hysteresis
VBATSNS Falling (LTC4120-4.2)
88
mV
hC/10
End of Charge Indication Current Ratio
(Note 6)
0.1
mA/mA
Safety Timer Termination Period
1.3
2.0
2.8
Hours
Bad Battery Termination Timeout
19
30
42
Minutes
Switcher
fOSC
Switching Frequency
FREQ = INTVCC
FREQ = GND
l
l
1.0
0.5
1.5
0.75
2.0
1.0
MHz
MHz
tMIN(ON)
Minimum Controllable On-Time
(Note 9)
120
ns
Duty Cycle Maximum
(Note 9)
94
%
Top Switch RDS(ON)
ISW = –100mA
0.8
Ω
Bottom Switch RDS(ON)
ISW = 100mA
0.5
Ω
IPEAK
Peak Current Limit
Measured Across RSNS with a 15µH Inductor in
Series with RSNS (Note 9)
585
750
1250
mA
ISW
Switch Pin Current (Note 8)
VIN = Open-Circuit, VRUN = 0V, VSW = 8.4V (LTC4120)
VIN = Open-Circuit, VRUN = 0V, VSW = 4.2V
(LTC4120-4.2)
l
l
15
7
30
15
µA
µA
Status Pins FAULT, CHRG
Pin Output Voltage Low
I = 2mA
500
mV
Pin Leakage Current
V = 43V, Pin High Impedance
0
1
µA
NTC
Cold Temperature VNTC/VINTVCC Fault
Rising VNTC Threshold
Falling VNTC Threshold
l
73
74
72
75
%INTVCC
%INTVCC
Hot Temperature VNTC/VINTVCC Fault
Falling VNTC Threshold
Rising VNTC Threshold
l
35.5
36.5
37.5
37.5 %INTVCC
%INTVCC
NTC Disable Voltage
Falling VNTC Threshold
Rising VNTC Threshold
l
1
2
3
3
%INTVCC
%INTVCC
NTC Input Leakage Current
VNTC = VINTVCC
–50
50
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com