Electronic Components Datasheet Search
  English  ▼

X  

LTC3335 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC3335
Description  Wireless Power Receiver and 400mA Buck Battery Charger
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3335 Datasheet(HTML) 2 Page - Analog Devices

  LTC3335 Datasheet HTML 1Page - Analog Devices LTC3335 Datasheet HTML 2Page - Analog Devices LTC3335 Datasheet HTML 3Page - Analog Devices LTC3335 Datasheet HTML 4Page - Analog Devices LTC3335 Datasheet HTML 5Page - Analog Devices LTC3335 Datasheet HTML 6Page - Analog Devices LTC3335 Datasheet HTML 7Page - Analog Devices LTC3335 Datasheet HTML 8Page - Analog Devices LTC3335 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTC4120/LTC4120-4.2
2
Rev. G
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
IN, RUN, CHRG, FAULT, DHC...................... –0.3V to 43V
BOOST ................................... VSW – 0.3V to (VSW + 6V)
SW (DC)........................................ –0.3V to (VIN + 0.3V)
SW (Pulsed <100ns) ......................–1.5V to (VIN + 1.5V)
CHGSNS, BAT, FBG, FB ...............................–0.3V to 12V
FREQ, NTC, PROG, INTVCC .......................... –0.3V to 6V
ICHGSNS, IBAT..................................................... ±600mA
(Note 1)
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4120EUD#PBF
LTC4120EUD#TRPBF
LGHB
16-Lead (3mm × 3mm) Plastic QFN
–40°C to 125°C
LTC4120IUD#PBF
LTC4120IUD#TRPBF
LGHB
16-Lead (3mm × 3mm) Plastic QFN
–40°C to 125°C
LTC4120EUD-4.2#PBF
LTC4120EUD-4.2#TRPBF LGMT
16-Lead (3mm × 3mm) Plastic QFN
–40°C to 125°C
LTC4120IUD-4.2#PBF
LTC4120IUD-4.2#TRPBF LGMT
16-Lead (3mm × 3mm) Plastic QFN
–40°C to 125°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
LTC4120 OPTIONS
FLOAT VOLTAGE
LTC4120
Programmable
LTC4120-4.2
4.2V Fixed
LTC4120
LTC4120-4.2
16 15 14 13
5
6
7
8
TOP VIEW
17
GND
UD PACKAGE
16-LEAD (3mm × 3mm) PLASTIC QFN
TJMAX = 125°C, θJA = 54°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB TO OBTAIN θJA
9
10
11
12
4
3
2
1
INTVCC
BOOST
IN
SW
NTC
FBG
FB
BAT
16 15 14 13
5
6
7
8
TOP VIEW
17
GND
UD PACKAGE
16-LEAD (3mm × 3mm) PLASTIC QFN
TJMAX = 125°C, θJA = 54°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB TO OBTAIN θJA
9
10
11
12
4
3
2
1
INTVCC
BOOST
IN
SW
NTC
NC
BATSNS
BAT
IDHC............................................................... 350mARMS
ICHRG, IFAULT, IFBG ..................................................±5mA
IFB .........................................................................±5mA
IINTVCC .................................................................. –5mA
Operating Junction Temperature Range
(Note 2).................................................. –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com