Electronic Components Datasheet Search
  English  ▼

X  

LTC3335 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC3335
Description  Wireless Power Receiver and 400mA Buck Battery Charger
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3335 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC3335 Datasheet HTML 17Page - Analog Devices LTC3335 Datasheet HTML 18Page - Analog Devices LTC3335 Datasheet HTML 19Page - Analog Devices LTC3335 Datasheet HTML 20Page - Analog Devices LTC3335 Datasheet HTML 21Page - Analog Devices LTC3335 Datasheet HTML 22Page - Analog Devices LTC3335 Datasheet HTML 23Page - Analog Devices LTC3335 Datasheet HTML 24Page - Analog Devices LTC3335 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LTC4120/LTC4120-4.2
21
Rev. G
For more information www.analog.com
APPLICATIONS INFORMATION
Table 4. Recommended Transmitter and High Voltage Pre-Regulator Components
Transmitter Components
ITEM
DESCRIPTION
MANUFACTURER/PART NUMBER
D2, D3
DIODE, SCHOTTKY, 40V, 2A
ON SEMI NSR10F40NXT5G
D1, D4
DIODE, ZENER, 16V, 350mW, SOT23
DIODES BZX84C16
M1, M2
MOSFET, SMT, N-CHANNEL, 60V, 11mΩ, S08
VISHAY Si4470EY-T1GE3
LB1, LB2
IND, SMT, 68µH, 0.41A, 0.4Ω, ±20%
TDK VLCF5028T-680MR40-2
C4, C5
CAP, CHIP, X7R, 0.01µF, ±10%, 50V, 0402
MURATA GRM155R71H103KA88D
R1, R2
RES, CHIP, 100Ω, ±5%, 1/16W, 0402
VISHAY CRCW0402100RJNED
CX1,2
CAP, CHIP, PPS, 0.15µF, ±2%, 50V
PANASONIC ECHU1H154GX9
CAP, CHIP, PPS, 0.1µF, ±2%, 50V
PANASONIC ECHU1H104GX9
CAP, CHIP, PPS, 0.033µF, ±2%, 50V
PANASONIC ECHU1H333GX9
CX (Opt)
CAP, PPS, 0.15µF, ±2.5%, 63VAC, MKS02
WIMA MKS0D031500D00JSSD
CAP, PPS, 0.10µF, ±2.5%, 63VAC, MKS02
WIMA MKS0D03100
CAP, PPS, 0.033µF, ±2.5%, 63VAC, MKS02
WIMA MKS0D03033
LX
5.0µH TRANSMIT COIL
TDK WT-505060-8K2-LT
or 6.3µH TRANSMIT COIL
TDK WT-505090-10K2-A11-G
or 6.3µH TRANSMIT COIL
WÜRTH 760308111
or 5.0µH TRANSMIT COIL
INTER-TECHNICAL L41200T02
High Voltage Pre-Regulator Components
U1
LT3480EDD, PMIC 38V, 2A, 2.4MHz Step-Down Switching
Regulator with 70µA Quiescent Current
LINEAR TECH LT3480EDD
M3
MOSFET, SMT, P-CHANNEL, –12V, 32mΩ, SOT23
VISHAY Si2333DS
M4
MOSFET, SMT, N-CHANNEL, 60V, 7.5Ω, 115mA, SOT23
ON SEMI 2N7002L
D5
DIODE, SCHOTTKY, 40V, 2A, POWERDI123
DIODES DFLS240L
L3
IND, SMT, 4.7µH, 1.6A, 0.125Ω, ±20%
COILCRAFT LPS4018-472M
C6
CAP, CHIP, X5R, 4.7µF, ±10%, 50V, 1206
MURATA GRM155R71H4755KA12L
C7
CAP, CHIP, X5R, 4.7µF, ±10%, 50V, 0603
MURATA GRM188R71H683K
C8
CAP, CHIP, COG, 330pF, ±5%, 50V, 0402
TDK C1005COG1H331J
C9
CAP, CHIP, X7R, 0.47µF, ±10%, 25V, 0603
MURATA GRM188R71E474K
C10
CAP, CHIP, X5R, 22µF, ±20%, 6.3V, 0805
TAIYO-YUDEN JMK212BJ226MG
R3, R8
RES, CHIP, 150k, ±5%, 1/16W, 0402
VISHAY CRCW0402150JNED
R4
RES, CHIP, 40.2k, ±1%, 1/16W, 0402
VISHAY CRCW040240K2FKED
R5
RES, CHIP, 20k, ±1%, 1/16W, 0402
VISHAY CRCW040220K0FKED
R6, R10
RES, CHIP, 100k, ±1%, 1/16W, 0402
VISHAY CRCW0402100KFKED
R7
RES, CHIP, 536k, ±1%, 1/16W, 0402
VISHAY CRCW0402536KFKED
1CX = 300nF with 5µH LX coil, or CX = 233nF with 6.3µH LX coil.
2Pay careful attention to assembly guidelines when using ECHU capacitors, as the capacitance value may shift if the capacitor is over heated while
soldering. Plastic film capacitors such as Panasonic ECHU series or Metallized Polypropylene capacitors such as WIMA MKP as suitable for the transmitter
frequency, fO; which depends on both component values
as well as the load at the receiver. The tolerance of the
components selected in both the transmitter and receiver
circuits is critical to achieving maximum power transfer.
The voltages across the receiver components may reach
40V, so adequate voltage ratings must also be observed.
Resonant Converter Component Selection
It is recommended to use the components listed in Table 4
and Table 5 for the resonant transmitter and receiver
respectively. Figure 12 illustrates the PCB layout of the
embedded receiver coil. Figure 13 and Figure 14 show the
finished transmitter and receiver. The 25mm ferrite bead



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com