Electronic Components Datasheet Search
  English  ▼

X  

LTC3335 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC3335
Description  Wireless Power Receiver and 400mA Buck Battery Charger
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3335 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC3335 Datasheet HTML 18Page - Analog Devices LTC3335 Datasheet HTML 19Page - Analog Devices LTC3335 Datasheet HTML 20Page - Analog Devices LTC3335 Datasheet HTML 21Page - Analog Devices LTC3335 Datasheet HTML 22Page - Analog Devices LTC3335 Datasheet HTML 23Page - Analog Devices LTC3335 Datasheet HTML 24Page - Analog Devices LTC3335 Datasheet HTML 25Page - Analog Devices LTC3335 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
LTC4120/LTC4120-4.2
22
Rev. G
For more information www.analog.com
APPLICATIONS INFORMATION
Table 5. Recommended Receiver Components
ITEM
DESCRIPTION
MANUFACTURER/PART NUMBER
D1, D2, D3
DIODE, SCHOTTKY, 40V, 2A, POWERDI123
DIODES DFLS240L
D4 (Opt)
DIODE, ZENER, 39V, ±5%, 1W, POWERDI123
DIODES DFLZ39
LR
IND, EMBEDDED, 47µH, 43 TURNS WITH 25mm FERRITE BEAD EMBEDDED 4-LAYER PCB (see Figure 12)
ADAMS MAGNETICS B67410-A0223-X195
or 47µH RECEIVER COIL
TDK WR282840-37K2-LR3
or 47µH RECEIVER COIL
WÜRTH 760308101303
or 48µH RECEIVER COIL
INTER-TECHNICAL L41200R02
L1
IND, SMT, 15µH, 260mΩ, ±20%, 0.86A, 4mm × 4mm
COILCRAFT LPS4018-153ML
C2P1
CAP, CHIP, COG, 0.0047µF, ±5%, 50V, 0805
MURATA GRM21B5C1H472JA01L
C2P2
CAP, CHIP, COG, 0.00018µF, ±5%, 50V, 0603
KEMET C0603C182J5GAC7533
C2S1
CAP, CHIP, COG, 0.022µF, ±5%, 50V, 0805
MURATA GRM21B5C1H223JA01L
C2S2
CAP, CHIP, COG, 0.0047µF, ±5%, 50V, 0805
MURATA GRM21B5C1H472JA01L
C1
CAP, CHIP, X5R, 10µF, ±20%, 16V, 0805
TDK C2012X5R1C106K
C2
CAP, CHIP, X5R, 47µF, ±10%, 16V, 1210
MURATA GRM32ER61C476KE15L
C3
CAP, CHIP, X7R, 0.01µF, ±20%, 6.3V. 0402
TDK C1608X7R1H103K
C4
CAP, CHIP, X5R, 10µF, ±20%, 16V, 0805
TDK C2012X5R1C106K
U1
400mA WIRELESS SYNCHRONOUS BUCK BATTERY CHARGER
LINEAR TECH LTC4120
TOP METAL
3rd METAL
2nd METAL
BOTTOM METAL
4120 F12
L1 – TOP SIDE
L2
L3
L4 – BOTTOM SIDE
FINISHED THICKNESS TO BE 0.031" ±0.005"
TOTAL OF 4 LAYERS WITH 2oz CU ON THE
OUTER LAYERS AND 2oz CU ON THE INNER
LAYERS
LAYER STRUCTURE
Figure 12. 4-Layer PCB Layout of Rx Coil



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com