Electronic Components Datasheet Search
  English  ▼

X  

LTC3335 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC3335
Description  Wireless Power Receiver and 400mA Buck Battery Charger
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3335 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC3335 Datasheet HTML 3Page - Analog Devices LTC3335 Datasheet HTML 4Page - Analog Devices LTC3335 Datasheet HTML 5Page - Analog Devices LTC3335 Datasheet HTML 6Page - Analog Devices LTC3335 Datasheet HTML 7Page - Analog Devices LTC3335 Datasheet HTML 8Page - Analog Devices LTC3335 Datasheet HTML 9Page - Analog Devices LTC3335 Datasheet HTML 10Page - Analog Devices LTC3335 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LTC4120/LTC4120-4.2
7
Rev. G
For more information www.analog.com
Switching Frequency
vs Temperature
Buck Efficiency vs Battery Current
TEMPERATURE (°C)
–50
0.8
1.0
1.4
25
75
4120 G07
0.6
–25
0
50
100
125
0.4
0.2
0
1.2
FREQ = GND
FREQ = GND
FREQ = INTVCC
FREQ = INTVCC
2 UNITS TESTED
IBAT (mA)
0
75
80
85
400
4120 G08
70
65
60
50
100
200
300
50
150
250
350
55
95
90
VIN = 12.5V
VIN = 14V
VIN = 20V
VIN = 30V
LSW = 68µH, SLF12555T-680M1R3
FREQ = GND
VBAT = 4.2V
Burst Mode Trigger Current
Typical Burst Mode Waveforms,
IBAT = 38mA
Typical tMIN(ON) vs Temperature
TYPICAL PERFORMANCE CHARACTERISTICS
Wireless Power Transfer Efficiency,
VIN_RX vs Battery Current
BAT Pin Leakage Current/VBAT-VIN
vs Temperature
Typical Wireless Charging Cycle
TA = 25°C, unless otherwise noted.
TEMPERATURE (°C)
–50
14
25
4120 G09
8
4
–25
0
50
2
0
16
12
10
6
350
200
100
50
0
400
300
250
150
75
100 125
IBAT
IBAT
VBAT-VIN
VBAT-VIN
2 UNITS TESTED
VIN = OPEN-CIRCUIT
VBAT = 4.2V
TEMPERATURE (°C)
–50
80
85
95
100
105
130
115
0
50
75
100
4120 G10
90
120
125
110
–22
25
125
2 UNITS TESTED
IBAT (mA)
0
50
60
70
200
4120 G11
40
30
50
100
150
250
20
10
0
20
22
24
18
16
14
12
10
9mm EFFICIENCY
10mm EFFICIENCY
11mm EFFICIENCY
9mm V_RX
10mm V_RX
11mm V_RX
VFLOAT = 8.3V
LSW = SLF6028-470MR59
RPROG = 4.64k
TIME (HOURS)
0
0
50
150
200
250
450
4120 G12
100
2
1
3
300
350
400
0
0.5
1.5
2.0
2.5
4.5
1.0
3.0
3.5
4.0
VCHRG
VBAT
IBAT
BAT = 940mAhr
LSW = TDK SLF4075 15µH
RFB1 = 732k, RFB2 = 976k
RPROG = 3.01k
APPLICATION CCT OF FIGURE 10
SPACING = 14mm
VIN (V)
10
0
10
30
40
50
30
90
4120 G13
20
20
15
35
25
40
60
70
80
RPROG = 6.2k
RPROG = 3k
VSW
5V/DIV
VPROG
500mV/DIV
ILSW
200mA/DIV 0mA
0V
0V
4µs/DIV
4120 G14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com