Electronic Components Datasheet Search
  English  ▼

X  

LTC3335 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC3335
Description  Wireless Power Receiver and 400mA Buck Battery Charger
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3335 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC3335 Datasheet HTML 20Page - Analog Devices LTC3335 Datasheet HTML 21Page - Analog Devices LTC3335 Datasheet HTML 22Page - Analog Devices LTC3335 Datasheet HTML 23Page - Analog Devices LTC3335 Datasheet HTML 24Page - Analog Devices LTC3335 Datasheet HTML 25Page - Analog Devices LTC3335 Datasheet HTML 26Page - Analog Devices LTC3335 Datasheet HTML 27Page - Analog Devices LTC3335 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
LTC4120/LTC4120-4.2
24
Rev. G
For more information www.analog.com
APPLICATIONS INFORMATION
the operating frequency of the basic transmitter can vary
with component selection.
LTC4120 customers can also choose more advanced
transmitter options such as the LTC4125. With addi-
tional features such as: foreign metal detection; optimum
power search and AutoResonant™ operating frequency.
For more information on advanced transmitter options
refer to the Wireless Power Users Guide.
Maximum Battery Power Considerations
Using one of the approved transmitter options with this
wireless power design provides a maximum of 2W at the
input to the LTC4120. It is optimized for supplying 400mA
of charge current to a 4.2V Li-Ion battery. If a higher bat-
tery voltage is selected, then a lower charge current must
be used as the maximum power available is limited. The
maximum battery charge current, ICHG(MAX), that may be
programmed for a given float voltage, VFLOAT, can be cal-
culated based on the charger efficiency, ηEFF, as:
ICHG(MAX) ≤
ηEFF • 2W
VFLOAT
The charger efficiency, ηEFF, depends on the operating
conditions and may be estimated using the Buck Efficiency
curve in the Typical Performance Characteristics. Do not
select a charge current greater than this limit when select-
ing RPROG.
Input Voltage and Minimum On-Time
The LTC4120 can operate from input voltages up to 40V.
The LTC4120 maintains constant frequency operation
under most operating conditions. Under certain situa-
tions with high input voltage and high switching frequency
selected and a low battery voltage, the LTC4120 may not
be able to maintain constant frequency operation. These
factors, combined with the minimum on-time of the
LTC4120, impose a minimum limit on the duty cycle to
maintain fixed-frequency operation. The on-time of the
top switch is related to the duty cycle (VBAT/VIN) and the
switching frequency, fOSC in Hz:
tON =
VBAT
fOSC • VIN
When operating from a high input voltage with a low bat-
tery voltage, the PWM control algorithm may attempt
to enforce a duty cycle which requires an on-time lower
than the LTC4120 minimum, tMIN(ON). This minimum
duty cycle is approximately 18% for 1.5MHz operation
or 9% for 750kHz operation. Typical minimum on-time
is illustrated in graph G11 in the Typical Performance
Characteristics section. If the on-time is driven below
tMIN(ON), the charge current and battery voltage remain
in regulation, but the switching duty cycle may not remain
fixed, and/or the switching frequency may decrease to an
integer fraction of its programmed value.
The maximum input voltage allowed to maintain constant
frequency operation is:
VIN(MAX) =
VLOWBAT
fOSC • tMIN(ON)
where VLOWBAT, is the lowest battery voltage where the
switcher is enabled.
Exceeding the minimum on-time constraint does not
affect charge current or battery float voltage, so it may not
be of critical importance in most cases and high switch-
ing frequencies may be used in the design without any
fear of severe consequences. As the sections on Inductor
Selection and Capacitor Selection show, high switching
frequencies allow the use of smaller board components,
thus reducing the footprint of the applications circuit.
Fixed-frequency operation may also be influenced by drop-
out and Burst Mode operation as discussed previously.
Switching Inductor Selection: LSW
The primary criterion for switching inductor value selec-
tion in an LTC4120 charger is the ripple current created in
that inductor. Once the inductance value is determined, the
saturation current rating for that inductor must be equal
to or exceed the maximum peak current in the inductor,
IL(PEAK). The peak value of the inductor current is the sum
of the programmed charge current, ICHG, plus one-half of
the ripple current, ∆IL. The peak inductor current must
also remain below the current limit of the LTC4120, IPEAK:
IL(PEAK) = ICHG +
∆IL
2
< IPEAK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com