Electronic Components Datasheet Search
  English  ▼

X  

LTC4232 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC4232
Description  Micropower Hot Swap Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4232 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC4232 Datasheet HTML 2Page - Analog Devices LTC4232 Datasheet HTML 3Page - Analog Devices LTC4232 Datasheet HTML 4Page - Analog Devices LTC4232 Datasheet HTML 5Page - Analog Devices LTC4232 Datasheet HTML 6Page - Analog Devices LTC4232 Datasheet HTML 7Page - Analog Devices LTC4232 Datasheet HTML 8Page - Analog Devices LTC4232 Datasheet HTML 9Page - Analog Devices LTC4232 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LTC4231
6
Rev. B
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
GATE Pull-Up Current vs VGATE
Overcurrent to GATE Low
Propagation Delay
UVL, UVH, OV Thresholds
vs Temperature
GNDSW Switch Resistance
vs IN
STATUS Output Low Voltage
vs Current
STATUS Output Low Voltage
vs Temperature
VGATE (V)
VIN = 12V
0
0
–5
–10
–15
–20
15
20
5
10
4231 G07
25
VIN – VSENSE (mV)
CGATE = 1nF
CTIMER = 82nF
50
0.1
1
10
100
1000
200
350
100 150
300
250
4231 G08
400
TEMPERATURE (°C)
VIN = 12V
UVL HIGH TO LOW
UVH LOW TO HIGH
OV LOW TO HIGH
OV HIGH TO LOW
–50
0.770
0.775
0.780
0.785
0.790
0.795
0.800
100
75
125
25
50
–25
0
4231 G09
150
VIN (V)
0
70
80
90
100
110
20
30
10
4231 G10
40
ISTATUS (mA)
VIN = 12V
0
0
100
200
300
400
500
600
4
3
2
1
4231 G11
5
TEMPERATURE (°C)
VIN = 12V
ISTATUS = 2mA
–50
0
100
200
300
400
100
75
125
25
50
–25
0
4231 G12
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com