Electronic Components Datasheet Search
  English  ▼

X  

LTC4232 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC4232
Description  Micropower Hot Swap Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4232 Datasheet(HTML) 1 Page - Analog Devices

  LTC4232 Datasheet HTML 1Page - Analog Devices LTC4232 Datasheet HTML 2Page - Analog Devices LTC4232 Datasheet HTML 3Page - Analog Devices LTC4232 Datasheet HTML 4Page - Analog Devices LTC4232 Datasheet HTML 5Page - Analog Devices LTC4232 Datasheet HTML 6Page - Analog Devices LTC4232 Datasheet HTML 7Page - Analog Devices LTC4232 Datasheet HTML 8Page - Analog Devices LTC4232 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LTC4231
1
Rev. B
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Micropower Hot Swap
Controller
The LTC®4231 is a micropower Hot Swap controller that
allows safe circuit board insertion and removal from a live
power supply. An internal high side switch driver controls
the gate of an external N-channel MOSFET. Back-to-back
MOSFETs can be used for reverse supply protection down
to –40V.
The LTC4231 provides a debounce delay and allows the
GATE to be ramped up at an adjustable rate. After start-
up, the LTC4231's quiescent current drops to 4µA during
normal operation with output active. UVL, UVH, OV and
GNDSW monitor overvoltage and undervoltage periodi-
cally, keeping total quiescent current low. Pulling SHDN
low shuts down the LTC4231 and quiescent current drops
to 0.3µA.
During an overcurrent fault, the LTC4231 actively limits
current while running an adjustable timer. The LTC4231-1
remains off after a current fault while the LTC4231-2 auto-
matically reapplies power after a cool-down period.
Battery Hot Swap with Reverse Protection
APPLICATIONS
n
Enables Safe Board Insertion and Removal from a
Power Supply
n
4µA Supply Current
n
0.3µA Shutdown Current
n
Wide Operating Voltage Range: 2.7V to 36V
n
Reverse Supply Protection to –40V
n
Adjustable Analog Current Limit with Circuit Breaker
n
Automatic Retry or Latchoff on Current Fault
n
Overvoltage and Undervoltage Monitoring
n
Controls Single or Back-to-Back N-Channel MOSFETs
n
12-Lead MSOP and 3mm × 3mm QFN Packages
n
AEC-Q100 Qualified for Automotive Applications
n
Battery Powered Equipment
n
Solar Powered Systems
n
Portable Instruments
n
Automotive Battery Protection
n
Energy Harvesting
SENSE
GATE
IN
UVL
UVH
OV
GNDSW
SOURCE
STATUS
SHDN
TIMER
LTC4231
Si7164DP
SMAJ24CA
22.5m
Si5410DU
GND
20k
220µF
VOUT
24V
2A
1020k
1.65k
24V
4.22k
32.4k
180nF
4231 TA01a
GATE
20V/DIV
IN
20V/DIV
SOURCE
20V/DIV
ILOAD
5A/DIV
10ms/DIV
4231 TA01b
CONTACT
BOUNCE
Power-Up Waveforms
All registered trademarks and trademarks are the property of their respective owners.


Similar Part No. - LTC4232

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4232 LINER-LTC4232 Datasheet
738Kb / 16P
5A Integrated Hot Swap Controller
LTC4232 LINER-LTC4232 Datasheet
678Kb / 20P
20A Guaranteed SOA Hot Swap Controller
logo
Analog Devices
LTC4232 AD-LTC4232 Datasheet
803Kb / 18P
50A Hot Swap E-Fuse with Guaranteed SOA
logo
Linear Technology
LTC4232-1 LINER-LTC4232-1 Datasheet
564Kb / 16P
5A Integrated Hot Swap Controller
LTC4232-1 LINER-LTC4232-1_15 Datasheet
564Kb / 16P
5A Integrated Hot Swap Controller
More results

Similar Description - LTC4232

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
Hot Swap Controller
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
Hot Swap Controller
LTC1642A LINER-LTC1642A Datasheet
231Kb / 16P
Hot Swap Controller
LTC4218 LINER-LTC4218 Datasheet
192Kb / 16P
Hot Swap Controller
LTC4211 LINER-LTC4211_12 Datasheet
322Kb / 40P
Hot Swap Controller
LTC1642A LINER-LTC1642A_15 Datasheet
237Kb / 16P
Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
Hot Swap Controller
LTC4231 LINER-LTC4231_15 Datasheet
336Kb / 20P
Micropower Hot Swap Controller
LTC4231 LINER-LTC4231 Datasheet
204Kb / 6P
Micropower Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com