Electronic Components Datasheet Search
  English  ▼

X  

LTC4232 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC4232
Description  Micropower Hot Swap Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4232 Datasheet(HTML) 3 Page - Analog Devices

  LTC4232 Datasheet HTML 1Page - Analog Devices LTC4232 Datasheet HTML 2Page - Analog Devices LTC4232 Datasheet HTML 3Page - Analog Devices LTC4232 Datasheet HTML 4Page - Analog Devices LTC4232 Datasheet HTML 5Page - Analog Devices LTC4232 Datasheet HTML 6Page - Analog Devices LTC4232 Datasheet HTML 7Page - Analog Devices LTC4232 Datasheet HTML 8Page - Analog Devices LTC4232 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LTC4231
3
Rev. B
For more information www.analog.com
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. IN = 12V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX UNITS
IN
VIN
Input Supply Voltage Range
l
2.7
36
V
VIN(UVL)
Input Supply Undervoltage Lockout
IN Rising
l
2
2.3
2.6
V
∆VIN(HYST)
Input Supply Undervoltage Lockout
Hysteresis
200
mV
ICC
Supply Current (Average)
Normal On, Voltage or Current Fault
Start-Up or Overcurrent
Shutdown
Reverse Input
(Note 5)
IGATE ≤ –0.1µA, CGATE-SOURCE = 1nF, (C-Grade, I-Grade)
(H-Grade)
SHDN Low, GATE Pulled to GND, (C-Grade, I-Grade)
(H-Grade)
IN, SENSE = –40V
l
l
l
l
l
l
4
4
300
0.3
0.3
–2.5
10
20
600
1
2
–5
µA
µA
µA
µA
µA
mA
SENSE
∆VSENSE(CB)
Circuit Breaker Threshold (VIN – VSENSE)
l
47
50
53
mV
∆VSENSE(ACL)
Analog Current Limit
During Output Short-Circuit
l
65
80
90
mV
ISENSE
SENSE Input Current
SHDN = High, SENSE = 12V
l
0.3
1
µA
GATE, SOURCE
∆VGATE
External N-Channel Gate Drive
(VGATE – VSOURCE)
VIN < 7V, IGATE = 0, –0.1µA
VIN ≥ 7V, IGATE = 0, –0.1µA
l
l
4.5
10
6.2
11.4
10
18
V
V
∆VGATE(H)
∆VGATE (VGATE – VSOURCE) Threshold
That Deactivates the Charge Pump
VIN < 7V
VIN ≥ 7V
l
l
5.5
11
6.5
11.7
10
18
V
V
VGATE(L)
GATE Low Threshold
To Enter Shutdown or Voltage Fault
l
0.4
1.2
1.8
V
IGATE(UP)
GATE Pull-Up Current
GATE On, GATE = 1V
l
–7
–10
–13
µA
IGATE(FAST)
GATE Fast Pull-Down Current
∆VSENSE = 0.5V, ∆VGATE = 5V
l
70
130
mA
IGATE(SLOW)
GATE Slow Pull-Down Current
SHDN = 0V, ∆VGATE = 5V
l
0.6
1
mA
tD(ON)
Turn-On Debounce Delay
UVL = UVH = 2V, OV = 0V, SHDN = Step 0V to 5V
l
20
40
60
ms
tRETRY
Auto-Retry Delay
LTC4231-2
l
0.27
0.5
0.73
s
tPHL(ILIM)
Overcurrent to GATE Low Propagation
Delay
∆VSENSE = Step 0mV to 300mV,
CGATE = 1nF, ∆VGATE Crosses 1V
l
0.5
1
µs
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
AUTOMOTIVE PRODUCTS**
LTC4231IMS-1#WPBF
LTC4231IMS-1#WTRPBF 42311
12-Lead Plastic MSOP
–40°C to 85°C
LTC4231IMS-2#WPBF
LTC4231IMS-2#WTRPBF 42312
12-Lead Plastic MSOP
–40°C to 85°C
LTC4231HMS-1#WPBF
LTC4231HMS-1#WTRPBF 42311
12-Lead Plastic MSOP
–40°C to 125°C
LTC4231HMS-2#WPBF
LTC4231HMS-2#WTRPBF 42312
12-Lead Plastic MSOP
–40°C to 125°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
**Versions of this part are available with controlled manufacturing to support the quality and reliability requirements of automotive applications. These
models are designated with a #W suffix. Only the automotive grade products shown are available for use in automotive applications. Contact your
local Analog Devices account representative for specific product ordering information and to obtain the specific Automotive Reliability reports for
these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com