Electronic Components Datasheet Search
  English  ▼

X  

LTC4232 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC4232
Description  Micropower Hot Swap Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4232 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC4232 Datasheet HTML 3Page - Analog Devices LTC4232 Datasheet HTML 4Page - Analog Devices LTC4232 Datasheet HTML 5Page - Analog Devices LTC4232 Datasheet HTML 6Page - Analog Devices LTC4232 Datasheet HTML 7Page - Analog Devices LTC4232 Datasheet HTML 8Page - Analog Devices LTC4232 Datasheet HTML 9Page - Analog Devices LTC4232 Datasheet HTML 10Page - Analog Devices LTC4232 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LTC4231
7
Rev. B
For more information www.analog.com
PIN FUNCTIONS
GATE: Gate Drive for External N-Channel MOSFET. After
all start-up conditions are satisfied, a 10μA pull-up cur-
rent from the internal charge pump charges up ∆VGATE to
the high threshold voltage ∆VGATE(H) and then turns off.
The charge pump turns on again when ∆VGATE decays by
more than 0.7V or every 15ms, whichever comes first,
and recharges ∆VGATE to ∆VGATE(H). During GATE turn-
off, a 1mA pull-down current discharges GATE to GND.
During severe short circuits, a 130mA pull-down current
is activated to discharge GATE to SOURCE.
GND: Device Ground.
GNDSW: Switched GND. Connect this pin to an external
resistive network to monitor IN for overvoltage or under-
voltage (OV/UV). To reduce the power dissipated by this
resistive divider, the LTC4231 periodically samples IN by
connecting GNDSW to GND once every 10ms. Tie this pin
to GND if unused.
IN: Supply Voltage and Current Sense Input. This pin has
a nominal undervoltage lockout threshold of 2.3V.
SHDN: Shutdown Control Input. A logic high at SHDN
enables the LTC4231. GATE ramps up after a debounce
delay of 40ms. A logic low at SHDN activates a 1mA pull-
down current at GATE, discharging it to GND. Once GATE
< 1.2V, the LTC4231 enters a low current Shutdown.
Connect to IN if unused. When connected to IN, if IN goes
below ground, use a resistor to limit the current to ≤1mA.
OV: Overvoltage Comparator Input. Connect this pin to an
external resistive network to monitor IN for OV. This pin
connects internally to an overvoltage comparator with a
0.795V threshold. To reduce the power dissipated by this
resistive divider, the LTC4231 periodically samples IN by
connecting GNDSW to GND once every 10ms. Once an
OV is detected at IN, GATE and STATUS pull low. Tie this
pin to GND if unused.
SENSE: Current Sense Input. Connect to the output of
the current sense resistor. The circuit breaker comparator
and the analog current limit amplifier monitor the voltage
across the current sense resistor. During an overcurrent
fault when ∆VSENSE exceeds 50mV, the circuit breaker
comparator trips and triggers TIMER to ramp up. For
more severe overcurrent faults, the analog current limit
amplifier controls the gate of the external MOSFET to keep
∆VSENSE at 80mV. To disable the circuit breaker compara-
tor and analog current limit amplifier, connect this pin to
IN.
SOURCE: N-Channel MOSFET Source Connection.
Connect this pin to the source of the external MOSFET.
STATUS: Status Output. Open-drain output that goes high
impedance when ∆VGATE first exceeds ∆VGATE(H). The state
of the pin is latched and resets (pulls low) when SHDN
goes low, an UVLO occurs, an OV/UV is detected at IN or
an overcurrent fault sets the internal current fault latch.
This pin may be left open if unused.
TIMER: Timer Input. Connect a capacitor between this
pin and GND to set a 24ms/µF duration for overcurrent
before the internal current fault latch trips and turns off the
MOSFET. For the LTC4231-1 latchoff option, the MOSFET
remains off until the current fault latch is cleared by pull-
ing SHDN low or by cycling power. For the LTC4231-2
auto-retry option, the current fault latch is cleared auto-
matically and the GATE is ramped up after a 500ms delay.
UVH, UVL: Undervoltage Comparator Input. Connect
these pins to an external resistive network to monitor
IN for UV. These pins connect internally to an undervolt-
age comparator with a 0.795V threshold. The comparator
monitors UVH when GATE is low and UVL when GATE
is high to implement separate undervoltage turn-on and
undervoltage turn-off thresholds. To reduce the power
dissipated by this resistive divider, the LTC4231 periodi-
cally samples IN by connecting GNDSW to GND once
every 10ms. Once an UV is detected at these pins, GATE
and STATUS pull low. Tie both pins to IN if unused. When
connected to IN, for applications where IN goes below
ground, use a resistor to limit the current to ≤1mA.
Exposed Pad (QFN Package): The exposed pad may be
left open or connected to device ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com