Electronic Components Datasheet Search
  English  ▼

X  

INA849 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # INA849
Description  INA849 Ultra-Low-Noise (1 nV/?숰z), High-Bandwidth, Instrumentation Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA849 Datasheet(HTML) 5 Page - Texas Instruments

  INA849 Datasheet HTML 1Page - Texas Instruments INA849 Datasheet HTML 2Page - Texas Instruments INA849 Datasheet HTML 3Page - Texas Instruments INA849 Datasheet HTML 4Page - Texas Instruments INA849 Datasheet HTML 5Page - Texas Instruments INA849 Datasheet HTML 6Page - Texas Instruments INA849 Datasheet HTML 7Page - Texas Instruments INA849 Datasheet HTML 8Page - Texas Instruments INA849 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
7.4 Thermal Information
THERMAL METRIC(1)
INA849
UNIT
D (SOIC)
8 PINS
RθJA
Junction-to-ambient thermal resistance
119.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
66.3
°C/W
RθJB
Junction-to-board thermal resistance
61.9
°C/W
ψJT
Junction-to-top characterization parameter
20.5
°C/W
ψJB
Junction-to-board characterization parameter
61.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.5 Electrical Characteristics
at TA = 25°C, VS = ±15 V, RL = 10 kΩ, connected to ground, VREF = 0 V, VCM = 0 V, and G = 1 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
VOSI
Input stage offset voltage(1) (3)
10
35
µV
TA = –40°C to +125°C(2)
75
Input stage offset voltage drift
TA = –40°C to +125°C
0.1
0.4
µV/°C
VOSO
Output stage offset voltage(1) (3)
50
500
µV
TA = –40°C to +125°C(2)
2000
Output stage offset voltage drift
TA = –40°C to +125°C(2)
15
µV/°C
PSRR
Power-supply rejection ratio
G = 1, RTI
110
120
dB
G = 10, RTI
114
130
G = 100, RTI
124
135
G = 1000, RTI
126
140
Zin
Input impedance
1 || 7
GΩ || pF
RFI filter, –3-dB frequency
220
MHz
VCM
Operating input range(4)
(–VS) + 2.5
(+VS) – 2.5
V
VS = ±4 V to ±18 V
See Figure 8-2 and Figure 8-3
CMRR
Common-mode rejection ratio
At dc to 60 Hz, RTI,
VCM = (V–) + 2.5 V to (V+) – 2.5 V,
G = 1
92
110
dB
At dc to 60 Hz, RTI,
VCM = (V–) + 2.5 V to (V+) – 2.5 V,
G = 10
112
125
At dc to 60 Hz, RTI,
VCM = (V–) + 2.5 V to (V+) – 2.5 V,
G = 100
120
145
At dc to 60 Hz, RTI,
VCM = (V–) + 2.5 V to (V+) – 2.5 V,
G = 1000
120
150
BIAS CURRENT
IB
Input bias current
VCM = VS / 2
20
nA
Input bias current drift
TA = –40°C to +125°C
10
80
pA/°C
IOS
Input offset current
VCM = VS / 2
6
nA
Input offset current drift
TA = –40°C to +125°C
5
pA/°C
www.ti.com
INA849
SBOS945 – NOVEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: INA849



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com