Electronic Components Datasheet Search
  English  ▼

X  

INA849 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA849
Description  INA849 Ultra-Low-Noise (1 nV/?숰z), High-Bandwidth, Instrumentation Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA849 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA849 Datasheet HTML 9Page - Texas Instruments INA849 Datasheet HTML 10Page - Texas Instruments INA849 Datasheet HTML 11Page - Texas Instruments INA849 Datasheet HTML 12Page - Texas Instruments INA849 Datasheet HTML 13Page - Texas Instruments INA849 Datasheet HTML 14Page - Texas Instruments INA849 Datasheet HTML 15Page - Texas Instruments INA849 Datasheet HTML 16Page - Texas Instruments INA849 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
8 Detailed Description
8.1 Overview
The INA849 is a monolithic, precision, instrumentation amplifier that incorporates a current-feedback input stage
and a four-resistor difference amplifier output stage. The functional block diagram in the next section shows how
the differential input voltage is buffered by Q1 and Q2, and is forced across RG, which causes a signal current to
flow through RG, R1, and R2. The output difference amplifier, A3, removes the common-mode component of the
input signal and refers the output signal to the REF pin. The VBE and voltage drop across R1 and R2 produce
output voltages on A1 and A2 that are approximately 0.8 V lower than the input voltages.
8.2 Functional Block Diagram
R1
3 k
RB
VB
+VS
íVS
+VS
íVS
+VS
íVS
+VS
íVS
+VS
Super-
NPN
Super-
NPN
+VS
RB
íIN
+IN
REF
OUT
Q1
Q2
A1
A2
A3
+VS
IB Cancellation
IB Cancellation
R2
3 k
RG
C1
C2
íVS
íVS
RG
RG
R3
5 k
R4
5 k
R5
5 k
R6
5 k
www.ti.com
INA849
SBOS945 – NOVEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: INA849



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com