Electronic Components Datasheet Search
  English  ▼

X  

INA849 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # INA849
Description  INA849 Ultra-Low-Noise (1 nV/?숰z), High-Bandwidth, Instrumentation Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA849 Datasheet(HTML) 18 Page - Texas Instruments

Back Button INA849 Datasheet HTML 14Page - Texas Instruments INA849 Datasheet HTML 15Page - Texas Instruments INA849 Datasheet HTML 16Page - Texas Instruments INA849 Datasheet HTML 17Page - Texas Instruments INA849 Datasheet HTML 18Page - Texas Instruments INA849 Datasheet HTML 19Page - Texas Instruments INA849 Datasheet HTML 20Page - Texas Instruments INA849 Datasheet HTML 21Page - Texas Instruments INA849 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
9.2 Typical Application
Figure 9-4 shows a typical application for the INA849.
+
±
RG
íVS
+VS
RG
REF
R1
1 k
R2
1 k
INA849
R6
10 k
C3
0.1 …F
C4
0.1 …F
OPA192
C7
100 pF
R4
100 k
R5
100 k
5 V
íVS
+VS
C6
0.1 …F
C1
470 pF
RG
C2
470 pF
C3
47 pF
+IN
íIN
Figure 9-4. Sensor Conditioning Circuit
9.2.1 Design Requirements
For the typical application, the design requirements are:
• Power-supply voltage of VS = ± 15 V
• AC-coupled input signal
• Reference voltage buffered to VREF = 2.5 V
• Output range within 0 V to 5 V
• First-order filter stage with ‒3-dB frequency of 27 kHz
9.2.2 Detailed Design Procedure
If the instrumentation amplifier is used to drive ac-coupled input signals, an input bias current path must be
provided as described in Section 9.1.2, represented with resistors R1 and R2 in Figure 9-4. For the selection of
the resistor value, a trade-off must be made between input current noise that increases at lower values and input
voltage noise that increases at higher values.
Section 9.1.1 states that the reference pin must be connected to a low-impedance reference, as shown in the
application circuit example of the Sensor Conditioning Circuit. The reference pin must be connected to a 2.5-V
reference voltage established through a high-resistive divider. The OPA192 helps to buffer the reference voltage.
The effective output impedance of the OPA192 can be derived with the following procedure.
The dc open-loop impedance of the OPA192 amplifier is approximately 3 kΩ. In a buffer configuration (AV = 1),
the output impedance of an amplifier degrades by the open-loop voltage gain. The OPA192 specifies a typical A
OL of 126 dB, thereby resulting in an output impedance of ROUT = 1.5 mΩ.
INA849
SBOS945 – NOVEMBER 2020
www.ti.com
18
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: INA849



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com