Electronic Components Datasheet Search
  English  ▼

X  

INA849 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # INA849
Description  INA849 Ultra-Low-Noise (1 nV/?숰z), High-Bandwidth, Instrumentation Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA849 Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA849 Datasheet HTML 12Page - Texas Instruments INA849 Datasheet HTML 13Page - Texas Instruments INA849 Datasheet HTML 14Page - Texas Instruments INA849 Datasheet HTML 15Page - Texas Instruments INA849 Datasheet HTML 16Page - Texas Instruments INA849 Datasheet HTML 17Page - Texas Instruments INA849 Datasheet HTML 18Page - Texas Instruments INA849 Datasheet HTML 19Page - Texas Instruments INA849 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
9.1 Application Information
9.1.1 Reference Pin
The output voltage of the INA849 is developed with respect to the voltage on reference pin REF.
Use the REF pin to offset the output signal to a precise midsupply level. Typically, this offset is 2.5 V in a 5-V
supply environment. To accomplish this level shift, a voltage source must be connected to the REF pin to level-
shift the output so that the INA849 drives a single-supply analog-to-digital converter (ADC).
For dual-supply operation, the reference pin is typically connected to the low-impedance system ground.
The voltage source applied to the reference pin must have a low output impedance. As shown in Figure 9-1, any
resistance at the reference pin (shown as R REF in Figure 9-1) is in series with an internal 5-kΩ resistor that
creates an imbalance in the four resistors of the internal difference amplifier. This imbalance results in a
degraded common-mode rejection ratio (CMRR). For best performance, keep the source impedance
(represented as R1) to the REF pin below 5 Ω.
+
±
+
±
+
±
5 k
3 k
5 k
5 k
5 k
3 k
íRG
REF
+VS
íVS
OUT
+V
S
íVS
íIN
+IN
+RG
R
G
R1
C3
C2
C1
R2
Figure 9-1. Parasitic Resistance Shown at the Reference Pin
Voltage-reference devices are an excellent option for providing a low-impedance voltage source for the
reference pin. However, if a resistor voltage divider generates a reference voltage, the divider must be buffered
by an op amp (as Figure 9-2 shows) to avoid CMRR degradation.
+
±
100 k
100 k
5 V
5 V
í5 V
1 …F
OUT
INA849
REF
+IN
íIN
5 V
OPA320
Figure 9-2. Using an Op Amp to Buffer Reference Voltages
INA849
SBOS945 – NOVEMBER 2020
www.ti.com
16
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: INA849



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com