Electronic Components Datasheet Search
  English  ▼

X  

AD8231 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8231
Description  36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8231 Datasheet(HTML) 4 Page - Analog Devices

  AD8231 Datasheet HTML 1Page - Analog Devices AD8231 Datasheet HTML 2Page - Analog Devices AD8231 Datasheet HTML 3Page - Analog Devices AD8231 Datasheet HTML 4Page - Analog Devices AD8231 Datasheet HTML 5Page - Analog Devices AD8231 Datasheet HTML 6Page - Analog Devices AD8231 Datasheet HTML 7Page - Analog Devices AD8231 Datasheet HTML 8Page - Analog Devices AD8231 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
LTC6373
4
Rev. 0
For more information www.analog.com
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CMRR
(Note 9)
Input Common Mode Rejection Ratio
(Input Referred) ∆VICM/∆VOSDIFF
DC to 60Hz, 1kΩ Source
Imbalance, VICM = ±10V
G = 16
G = 16
l
103
98
119
dB
dB
G = 8
G = 8
l
100
98
113
dB
dB
G = 4
G = 4
l
94
92
107
dB
dB
G = 2
G = 2
l
88
86
101
dB
dB
G = 1
G = 1
l
82
80
95
dB
dB
G = 0.5
G = 0.5
l
83
80
95
dB
dB
G = 0.25
G = 0.25
l
80
75
95
dB
dB
CMRRIO
(Note 9)
Output Common Mode Rejection Ratio
(Input Referred) ∆VOCM/∆VOSDIFF
VOCM = ±13V
l
75
95
dB
PSRR
(Note 10)
Differential Power Supply Rejection
Ratio (∆VS/∆VOSDIFF)
VS = ±4.5V to ±18V
G = 16
G = 8
G = 4
G = 2
G = 1
G = 0.5
G = 0.25
l
l
l
l
l
l
l
105
102
102
100
98
95
92
142
139
136
133
130
125
120
dB
dB
dB
dB
dB
dB
dB
PSRRCM
(Note 10)
Output Common Mode Power Supply
Rejection Ratio (∆VS/∆VOSCM)
VS = ±4.5V to ±18V
l
110
135
dB
VOUT
Output Voltage, High, Either Output Pin
IL = 0mA, VS = ±4.5V
IL = –5mA, VS = ±4.5V
l
l
V+OUT – 0.6
V+OUT –1.1
V+OUT – 0.3
V+OUT – 0.7
V
V
IL = 0mA, VS = ±15V
IL = –5mA, VS = ±15V
l
l
V+OUT – 1.8
V+OUT – 1.9
V+OUT – 1.1
V+OUT – 1.3
V
V
Output Voltage, Low, Either Output Pin
IL = 0mA, VS = ±4.5V
IL = 5mA, VS = ±4.5V
l
l
V– + 0.3
V– + 0.6
V– + 0.6
V– + 1
V
V
IL = 0mA, VS = ±15V
IL = 5mA, VS = ±15V
l
l
V– + 1.1
V– + 1.2
V– + 1.8
V– + 1.9
V
V
ISC
Output Short-Circuit Current, Either Output
Pin, Sinking
VS = ±4.5V
VS = ±15V
l
l
27
35
39
47
mA
mA
Output Short-Circuit Current, Either Output
Pin, Sourcing
VS = ±4.5V
VS = ±15V
l
l
23
29
33
38
mA
mA
GCM
Common Mode Gain (∆VOUTCM/∆VOCM)
VS = ±4.5V, VOCM = ±3V
VS = ±15V, VOCM = ±13V
l
l
1
1
V/V
V/V
∆GCM
Common Mode Gain Error
100 × (GCM – 1)
VS = ±4.5V, VOCM = ±3V
VS = ±15V, VOCM = ±13V
l
l
0.05
0.05
0.1
0.1
%
%
BAL
Output Balance (∆VOUTCM/∆VOUTDIFF)
VOUTDIFF = ±10V
Single-Ended Input
Differential Input
l
l
–80
–90
–70
–75
dB
dB
VOSCM
Common Mode Offset Voltage
(VOUTCM – VOCM)
l
1
40
50
mV
mV
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications and all typical values are at TA = 25°C. V+ = V+OUT = 15V, V– = –15V, VICM = VOCM = DGND =
0V, G = 1 (A2 = 5V, A1 = A0 = 0V). VS is defined as (V+ – V–). VICM is defined as (V+IN + V–IN)/2. VOUTCM is defined as (V+OUT + V–OUT)/2.
VOUTDIFF is defined as (V+OUT – V–OUT).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com