Electronic Components Datasheet Search
  English  ▼

X  

AD8231 Datasheet(PDF) 23 Page - Analog Devices

Part # AD8231
Description  36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8231 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8231 Datasheet HTML 19Page - Analog Devices AD8231 Datasheet HTML 20Page - Analog Devices AD8231 Datasheet HTML 21Page - Analog Devices AD8231 Datasheet HTML 22Page - Analog Devices AD8231 Datasheet HTML 23Page - Analog Devices AD8231 Datasheet HTML 24Page - Analog Devices AD8231 Datasheet HTML 25Page - Analog Devices AD8231 Datasheet HTML 26Page - Analog Devices AD8231 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
LTC6373
23
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
degrade the LTC6373’s inherent AC CMRR. To avoid any
possibility of common mode to differential mode signal
conversion, match the common mode filter frequencies
(on positive and negative inputs of LTC6373) to 1% or
better. Then the differential mode filter frequency can be
set for the bandwidth of the signal to be processed in the
application. Setting the differential mode filter frequency
close to the sensor’s bandwidth also minimizes any noise
pickup along the leads. If the sensor is an RTD or a resis-
tive strain gauge in close proximity to the LTC6373, then
the series resistors RS can be omitted. As an example, if
the bandwidth of the signal of interest is 100kHz whereas
the interference frequency is 10MHz and above, an appro-
priate choice for differential mode filter (FilterFreqDIFF)
and common mode filter (FilterFreqCM) frequencies could
be 200kHz/4MHz. Assuming RS is chosen to be 1kΩ,
using the formula provided earlier in this section results in
CC = 39pF and CD = 390pF.
Error Budget Analysis
Figure 7 shows the LTC6373 in a typical application to
buffer and amplify the differential output of a bridge trans-
ducer. The LTC6373 is programmed to a gain of 8V/V
in this example and amplifies a differential, full-scale
(FS) voltage of 100mV = 0.1V at transducer’s output
(or LTC6373’s input). Table 2 shows the error budget
in this application, listing various error sources in parts
per million (ppm) normalized to full-scale voltage (0.1V)
and across the temperature range of 25°C to 85°C. The
LTC6373 achieves superior performance compared to
all other monolithic programmable-gain instrumenta-
tion amplifiers (PGIA) in the market, enabling more
accurate measurements.
Figure 7. Precision Bridge Amplifier
6373 F07
+
–
LTC6373
V–
V+
15V
10k
10k
10V
10k
10k
G = 8
–15V
+OUT
–OUT
VOCM
Table 2. Error Budget Analysis
ERROR SOURCE
CALCULATION
ERROR, ppm OF INPUT FULL SCALE (FS)
LTC6373 (G = 8)
CLOSEST COMPETITOR
PGIA (G = 8)
LTC6373 (G = 8)
CLOSEST COMPETITOR
PGIA (G = 8)
Absolute Accuracy at TA = 25°C
Gain Error
Offset Voltage (RTI)
Input Offset Current
CMRR
0.015% FS
(104µV)/0.1V
[(25pA)(10kΩ)/2]/0.1V
[(5V)/(100dB)]/0.1V
0.05% FS
(1500μV)/0.1V
[(100pA)(10kΩ)/2]/0.1V
[(5V)/(95dB)]/0.1V
150
1040
1
500
500
15000
5
889
Total Accuracy Error
1691
16394
Temperature Drift to 85°C
Gain Drift
Offset Voltage Drift (RTI)
(1ppm/°C)(60°C)
[(1.8µV/°C)(60°C)]/0.1V
(10ppm/°C)(60°C)
[(6μV/°C)(60°C)]/0.1V
60
1080
600
3600
Total Drift Error
1140
4200
Resolution
Gain Nonlinearity
Typ 0.1Hz to 10Hz Input Voltage Noise
3ppm
(1.2µVP-P)/0.1V
20ppm
(1µVP-P)/0.1V
3
12
20
10
Total Resolution Error
15
30
Grand Total Error
2846
20624



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com