Electronic Components Datasheet Search
  English  ▼

X  

AD8231 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8231
Description  36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8231 Datasheet(HTML) 1 Page - Analog Devices

  AD8231 Datasheet HTML 1Page - Analog Devices AD8231 Datasheet HTML 2Page - Analog Devices AD8231 Datasheet HTML 3Page - Analog Devices AD8231 Datasheet HTML 4Page - Analog Devices AD8231 Datasheet HTML 5Page - Analog Devices AD8231 Datasheet HTML 6Page - Analog Devices AD8231 Datasheet HTML 7Page - Analog Devices AD8231 Datasheet HTML 8Page - Analog Devices AD8231 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
LTC6373
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
36V Fully-Differential Programmable-Gain
Instrumentation Amplifier with 25pA Input Bias Current
The LTC®6373 is a precision instrumentation amplifier
with fully differential outputs which includes a closely-
matched internal resistor network to achieve excellent
CMRR, offset voltage, gain error, gain drift, and gain non-
linearity. The user can easily program the gain to one
of seven available settings through a 3-bit parallel inter-
face (A2 to A0). The 8th state puts the part in shutdown
which reduces the current consumption to 220μA. Unlike
a conventional voltage feedback amplifier, the LTC6373
maintains nearly the same bandwidth across all its gain
settings.
The LTC6373 features fully differential outputs to drive
high performance, differential-input ADCs. The output
common mode voltage is independently adjustable via
the VOCM pin. The combination of high impedance inputs,
DC precision, low noise, low distortion, and high-speed
differential ADC drive makes the LTC6373 an ideal candi-
date for optimizing data acquisition systems.
The LTC6373 is available in a 12-lead 4mm × 4mm DFN
(LFCSP) package and is fully specified over the −40°C to
125°C temperature range.
Interfacing a 40VP-P Ground-Referenced Differential Input Signal to a 5V ADC
Gain vs Frequency
APPLICATIONS
n
Pin-Programmable Gains:
G = 0.25, 0.5, 1, 2, 4, 8, 16V/V + Shutdown
n
Fully Differential Outputs
n
Gain Error: 0.012% (Max)
n
Gain Error Drift: 1ppm/°C (Max)
n
CMRR: 103dB (Min), G = 16
n
Input Bias Current: 25pA (Max)
n
Input Offset Voltage: 92μV (Max), G = 16
n
Input Offset Voltage Drift: 1.7μV/°C (Max), G = 16
n
–3dB Bandwidth: 4MHz, G = 16
n
Input Noise Density: 8nV/√Hz, G = 16
n
Slew Rate: 12V/μs, G = 16
n
Adjustable Output Common Mode Voltage
n
Quiescent Supply Current: 4.4mA
n
Supply Voltage Range: ±4.5V to ±18V
n
–40°C to 125°C Specified Temperature Range
n
Small 12-Lead 4mm × 4mm DFN (LFCSP) Package
n
Data Acquisition Systems
n
Biomedical Instrumentation
n
Test and Measurement Equipment
n
Differential ADC Drivers
n
Single-Ended-to-Differential Conversion
n
Multiplexed Applications
All registered trademarks and trademarks are the property of their respective owners.
RL= 2kΩ
FREQUENCY (MHz)
0.01
0.1
1
10
100
–24
–18
–12
–6
0
6
12
18
24
30
36
Gain vs Frequency
6373 TA01b
G = 16
G = 8
G = 4
G = 2
G = 1
G = 0.5
G = 0.25
6373 TA01a
887
887
2.5V
+
–
LTC6373
V–
V+
15V
G = 0.25
–15V
10V
5V
–10V
10V
–10V
0V
GND
AD4020
SAR ADC
5V
0V
180pF
V+IN
V–IN
180pF
IN–
VDD
VREF
1.8V
20-BIT
0.6Msps
5V
IN+
180pF
VOCM
MEASURED SIGNAL CHAIN PERFORMANCE:
INPUT: fIN =1kHz, –0.5dBFS
SNR: 96.5dB
THD: –122dB


Similar Part No. - AD8231

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8231 AD-AD8231 Datasheet
137Kb / 8P
Zero Drift, Digital Programmable Instrumentation Amplifier
Rev. PrC
AD8231 AD-AD8231 Datasheet
630Kb / 20P
Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. 0
AD8231 AD-AD8231 Datasheet
284Kb / 20P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8231 AD-AD8231 Datasheet
378Kb / 20P
Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier
REV. 0
AD8231 AD-AD8231 Datasheet
529Kb / 28P
Wide Supply Range, Micropower,
REV. 0
More results

Similar Description - AD8231

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD625 AD-AD625 Datasheet
463Kb / 15P
Programmable Gain Instrumentation Amplifier
REV.D
logo
Texas Instruments
PGA870 TI-PGA870 Datasheet
1Mb / 24P
High-Speed, Fully Differential, Programmable-Gain Amplifier
PGA870 TI-PGA870_10 Datasheet
1Mb / 26P
High-Speed, Fully Differential, Programmable-Gain Amplifier
logo
National Semiconductor ...
PGA870 NSC-PGA870 Datasheet
2Mb / 39P
High-Speed, Fully Differential, Programmable-Gain Amplifier
logo
Analog Devices
AD625 AD-AD625_15 Datasheet
465Kb / 15P
Programmable Gain Instrumentation Amplifier
REV. D
AD8250 AD-AD8250_15 Datasheet
835Kb / 24P
Programmable Gain Instrumentation Amplifier
REV. C
AD8253 AD-AD8253_15 Datasheet
422Kb / 24P
Programmable Gain Instrumentation Amplifier
REV. B
logo
Texas Instruments
PGA280 TI1-PGA280 Datasheet
1Mb / 46P
Programmable Gain INSTRUMENTATION AMPLIFIER
PGA855 TI-PGA855 Datasheet
2Mb / 28P
PGA855 Low-Noise, Wide-Bandwidth, Fully Differential Output Programmable-Gain Instrumentation Amplifier
APRIL 2023
PGA855 TI-PGA855_V01 Datasheet
3Mb / 42P
PGA855 Low-Noise, Wide-Bandwidth, Fully Differential Output Programmable-Gain Instrumentation Amplifier
REVISED SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com