Electronic Components Datasheet Search
  English  ▼

X  

AD8231 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8231
Description  36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8231 Datasheet(HTML) 3 Page - Analog Devices

  AD8231 Datasheet HTML 1Page - Analog Devices AD8231 Datasheet HTML 2Page - Analog Devices AD8231 Datasheet HTML 3Page - Analog Devices AD8231 Datasheet HTML 4Page - Analog Devices AD8231 Datasheet HTML 5Page - Analog Devices AD8231 Datasheet HTML 6Page - Analog Devices AD8231 Datasheet HTML 7Page - Analog Devices AD8231 Datasheet HTML 8Page - Analog Devices AD8231 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
LTC6373
3
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
GDIFF
Differential Gain Range
G = 16, 8, 4, 2, 1, 0.5, 0.25
0.25
16
V/V
∆GDIFF
Differential Gain Error (Note 11)
G = 4, 2, 1, 0.5, 0.25
G = 4, 2, 1, 0.5, 0.25
l
0.002
0.012
0.02
%
%
G = 16, 8
G = 16, 8
l
0.003
0.015
0.023
%
%
∆GDIFF/∆T
Differential Gain Drift (Note 6)
l
0.25
1
ppm/°C
GNL
Differential Gain Nonlinearity (Note 11)
VOUTDIFF = 40VP-P
l
1
3
10
ppm
ppm
VOSDIFF
Differential Offset Voltage (Input Referred)
(Note 7)
G = 16, 8, 4, 2, 1, 0.5, 0.25
TA = –40°C to 85°C
TA = –40°C to 125°C
l
l
10 + 40/G
80 + 192/G
250 + 400/G
1120 + 1120/G
μV
μV
μV
∆VOSDIFF/∆T
Differential Offset Voltage Drift
(Input Referred) (Note 6)
G = 16, 8, 4, 2, 1, 0.5, 0.25
TA = –40°C to 85°C
TA = –40°C to 125°C
l
l
0.3 + 0.5/G
2 + 1.5/G
1.5 + 2.5/G
5 + 5.5/G
μV/°C
μV/°C
Differential Offset Voltage Hysteresis (Input
Referred) (Note 12)
G = 16, 8, 4, 2, 1, 0.5, 0.25
l
10 + 15/G
μV
IB
Input Bias Current (Notes 7, 8)
Active
TA = –40°C to 85°C
TA = –40°C to 125°C
l
l
2
25
50
500
pA
pA
pA
Shutdown (A2 = A1 = A0 = 5V)
20
pA
IOS
Input Offset Current (Notes 7, 8)
Active
TA = –40°C to 85°C
TA = –40°C to 125°C
l
l
2
25
40
100
pA
pA
pA
Shutdown (A2 = A1 = A0 = 5V)
5
pA
en
Differential Input Voltage Noise Density
f = 10kHz
G = 16
G = 8
G = 4
G = 2
G = 1
G = 0.5
G = 0.25
8
8.4
9.5
12.2
18.7
26.4
41
nV/√Hz
nV/√Hz
nV/√Hz
nV/√Hz
nV/√Hz
nV/√Hz
nV/√Hz
Differential Input Voltage Noise
0.1Hz to10Hz
G = 16
G = 8
G = 4
G = 2
G = 1
G = 0.5
G = 0.25
1.1
1.2
1.3
1.5
1.8
2.4
4.2
μVP-P
μVP-P
μVP-P
μVP-P
μVP-P
μVP-P
μVP-P
in
Input Current Noise Density
f = 10kHz
1
fA/√Hz
Input Current Noise
0.1Hz to 10Hz
100
fAP-P
enVOCM
Common Mode Voltage Noise Density
f = 10kHz
24
nV/√Hz
RIN
Input Resistance
Differential Mode
Common Mode
5×1012
5×1012
Ω
Ω
CIN
Input Capacitance
15
pF
VINR
Input Voltage Range
l
V– + 3
V– + 3.25
V+ – 3
V+ – 3
V
V
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications and all typical values are at TA = 25°C. V+ = V+OUT = 15V, V– = –15V, VICM = VOCM = DGND =
0V, G = 1 (A2 = 5V, A1 = A0 = 0V). VS is defined as (V+ – V–). VICM is defined as (V+IN + V–IN)/2. VOUTCM is defined as (V+OUT + V–OUT)/2.
VOUTDIFF is defined as (V+OUT – V–OUT).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com