Electronic Components Datasheet Search
  English  ▼

X  

AD8231 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8231
Description  36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8231 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8231 Datasheet HTML 15Page - Analog Devices AD8231 Datasheet HTML 16Page - Analog Devices AD8231 Datasheet HTML 17Page - Analog Devices AD8231 Datasheet HTML 18Page - Analog Devices AD8231 Datasheet HTML 19Page - Analog Devices AD8231 Datasheet HTML 20Page - Analog Devices AD8231 Datasheet HTML 21Page - Analog Devices AD8231 Datasheet HTML 22Page - Analog Devices AD8231 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
LTC6373
19
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Keep in mind that any change in voltages applied to A2 or
A1 or A0 pins from logic low to logic high (or vice versa)
immediately results in a gain setting change for LTC6373
(transparent mode).
Valid Input and Output Range
Instrumentation amplifiers traditionally specify a valid
input common mode range and an output swing range.
This however often fails to identify swing limitations
associated with internal nodes, as they experience a combi-
nation of gained differential signal and common mode sig-
nal. Referring to the Simplified Block Diagram of Figure 1,
the output swing of amplifiers A1, A2, and A3 as well as
the common mode input range of the output differential
amplifier A3 impose limitations on the valid operating
range. The graphs in Figure 2 show the maximum input
common mode voltage limits where a valid output is pro-
duced for each gain setting of LTC6373.
Figure 2. Input Common Mode Range vs Differential Output Voltage for Each Gain Setting of LTC6373 with No Load
6373 F02
+
–
LTC6373
V–
V+
VINDIFF/2
VINDIFF/2
VICM
+OUT
–OUT
VOCM
+–
+
–
+–
VOUTDIFF = V+OUT – V–OUT
VS = ±5V
VS = ±15V
DIFFERENTIAL OUTPUT VOLTAGE (V)
–30 –24 –18 –12 –6 0
6 12 18 24 30
–15
–12
–9
–6
–3
0
3
6
9
12
15
6373 F02a
G = 16
(a)
DIFFERENTIAL OUTPUT VOLTAGE (V)
–30 –24 –18 –12 –6 0
6 12 18 24 30
–15
–12
–9
–6
–3
0
3
6
9
12
15
6373 F02b
VS = ±5V
VS = ±15V
G = 8
(b)
DIFFERENTIAL OUTPUT VOLTAGE (V)
–30 –24 –18 –12 –6 0
6 12 18 24 30
–15
–12
–9
–6
–3
0
3
6
9
12
15
6373 F02c
VS = ±5V
VS = ±15V
G = 4
(c)
DIFFERENTIAL OUTPUT VOLTAGE (V)
–30 –24 –18 –12 –6 0
6 12 18 24 30
–15
–12
–9
–6
–3
0
3
6
9
12
15
6373 F02d
VS = ±5V
VS = ±15V
G = 2
(d)
DIFFERENTIAL OUTPUT VOLTAGE (V)
–30 –24 –18 –12 –6 0
6 12 18 24 30
–15
–12
–9
–6
–3
0
3
6
9
12
15
6373 F02e
VS = ±5V
VS = ±15V
G = 1
(e)
DIFFERENTIAL OUTPUT VOLTAGE (V)
–30 –24 –18 –12 –6 0
6 12 18 24 30
–15
–12
–9
–6
–3
0
3
6
9
12
15
6373 F02f
VS = ±5V
VS = ±15V
G = 0.5
(f)
DIFFERENTIAL OUTPUT VOLTAGE (V)
–30 –24 –18 –12 –6 0
6 12 18 24 30
–15
–12
–9
–6
–3
0
3
6
9
12
15
6373 F02g
VS = ±5V
VS = ±15V
(g)
G = 0.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com