Electronic Components Datasheet Search
  English  ▼

X  

AD8231 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8231
Description  36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8231 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8231 Datasheet HTML 16Page - Analog Devices AD8231 Datasheet HTML 17Page - Analog Devices AD8231 Datasheet HTML 18Page - Analog Devices AD8231 Datasheet HTML 19Page - Analog Devices AD8231 Datasheet HTML 20Page - Analog Devices AD8231 Datasheet HTML 21Page - Analog Devices AD8231 Datasheet HTML 22Page - Analog Devices AD8231 Datasheet HTML 23Page - Analog Devices AD8231 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
LTC6373
20
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Diamond Plot Interpretation
Diamond plots can be used to determine the valid input
common mode voltage (VICM) operating range for instru-
mentation amplifiers such as LTC6373. The valid region
of operation is where all signals, input or output, are
not clipped.
Subplots (a)-(g) of Figure 2 show the input common
mode voltage (VICM) range allowed for a given differential
output voltage (VOUTDIFF), under various combinations of
gain (G) and supply (VS) settings. In each plot, the output
stage positive supply pin V+OUT is tied to the main positive
supply pin V+, VOCM = 0V (mid-rail) and there is no load.
To identify the valid VICM range for a specific applica-
tion: First, identify the gain and supply conditions that the
LTC6373 will be operated under. Then, identify the range
of valid differential output voltages (VOUTDIFF) desired. For
example, this could be the full-scale signal that is optimal
for the subsequent ADC’s SNR.
This combination of settings and output range implies
a specific differential input signal (VINDIFF) range, since
VINDIFF = VOUTDIFF/G.
While the input signal’s VINDIFF is fixed when specific
VOUTDIFF and G are chosen, the input signal’s common
mode voltage VICM is not, because the same VINDIFF can
be superimposed on many different VICM values.
The valid VICM range can be set by the swing limits on
+IN and/or –IN, since VICM is the average of +IN and –IN.
It can also be set by internal node swing limits, since
the internal nodes are also operating with common mode
voltage VICM, and these nodes must also be able to swing
enough away from VICM to produce the gained-up output.
On a diamond plot, this valid region of operation for VICM
for a specific output VOUTDIFF is indicated by the portion
of the vertical line going straight up from VOUTDIFF that
falls inside the diamond borders, as shown in Figure 3.
If the part’s input common mode voltage is within the
VICM borders of the diamond, there should be no prob-
lems with clipping. If the differential input signal is shifted
Figure 3. The Blue Arrow Indicates the Range of Valid VICM
Values for VOUTDIFF = –12V, Where No Signals are Clipped,
for the VS = ±15V, G = 16 Case
by a VICM value that is outside of the diamond, either +IN
or –IN (or internal nodes) will be clipped, or the output
itself will hit the rails, and thus result in a clipped output.
The following example shows how a diamond plot point
is determined. For the specific case of VOUTDIFF = –12V
as shown in Figure 3, the upper limit of VICM is 8V, and
the lower limit is –8V.
For VICM = 8V, if the gained-up input (aka output) is –12V,
the maximum negative internal node swing is 6V above
VICM. Referenced to ground, this internal node reaches
8V + 6V = 14V, which is roughly the output high limit of
LTC6373 with ±15V supplies. If VICM were any higher than
8V, the internal node would run into the output high limit,
and the output would clip.
For VICM = –8V, with –12V output, the minimum posi-
tive internal node swing is –6V below VICM. Referenced
to ground, this internal node can hit a minimum of –6V
+ (–8V) = –14V, which is roughly the output low limit of
LTC6373 with ±15V supplies. If VICM were any lower than
−8V, this internal node would run into the output low limit,
and the output would clip.
VS = ±15V
G = 16
DIFFERENTIAL OUTPUT VOLTAGE (V)
–30 –24 –18 –12 –6 0
6 12 18 24 30
–15
–12
–9
–6
–3
0
3
6
9
12
15
6373 F03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com