Electronic Components Datasheet Search
  English  ▼

X  

ATS17501 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # ATS17501
Description  Dual Output Differential Speed and Direction Sensor IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS17501 Datasheet(HTML) 3 Page - Allegro MicroSystems

  ATS17501 Datasheet HTML 1Page - Allegro MicroSystems ATS17501 Datasheet HTML 2Page - Allegro MicroSystems ATS17501 Datasheet HTML 3Page - Allegro MicroSystems ATS17501 Datasheet HTML 4Page - Allegro MicroSystems ATS17501 Datasheet HTML 5Page - Allegro MicroSystems ATS17501 Datasheet HTML 6Page - Allegro MicroSystems ATS17501 Datasheet HTML 7Page - Allegro MicroSystems ATS17501 Datasheet HTML 8Page - Allegro MicroSystems ATS17501 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Dual Output Differential Speed and Direction Sensor IC
ATS17501
3
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
ABSOLUTE MAXIMUM RATINGS
Characteristic
Symbol
Notes
Rating
Unit
Supply Voltage
VCC
Refer to Power Derating section
28
V
Reverse Supply Voltage
VRCC
–18
V
Output Voltage
VOUT
Each output pin
28
V
Reverse Output Voltage
VROUT
Each output pin; RPULLUP ≥ 1 kΩ
–0.5
V
Output Sink Current
IOUT
Short-term output current for OUTA and OUTB independently,
not intended for continuous operation
50
mA
Operating Ambient Temperature Range
TA
–40 to 160
°C
Junction Temperature
TJ
175
°C
Storage Temperature Range
Tstg
–65 to 170
°C
SG Package, 4-Pin SIP
PINOUT TABLE
Name
Pin
Function
VCC
1
Supply Voltage
OUTA
2
Configurable Output A
OUTB
3
Configurable Output B
GND
4
Ground
PINOUT DIAGRAM
2
4
3
1
Branded
Face
Advance Information Datasheet
Subject to Change Without Notice
March 19, 2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com