Electronic Components Datasheet Search
  English  ▼

X  

ATS17501 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # ATS17501
Description  Dual Output Differential Speed and Direction Sensor IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS17501 Datasheet(HTML) 1 Page - Allegro MicroSystems

  ATS17501 Datasheet HTML 1Page - Allegro MicroSystems ATS17501 Datasheet HTML 2Page - Allegro MicroSystems ATS17501 Datasheet HTML 3Page - Allegro MicroSystems ATS17501 Datasheet HTML 4Page - Allegro MicroSystems ATS17501 Datasheet HTML 5Page - Allegro MicroSystems ATS17501 Datasheet HTML 6Page - Allegro MicroSystems ATS17501 Datasheet HTML 7Page - Allegro MicroSystems ATS17501 Datasheet HTML 8Page - Allegro MicroSystems ATS17501 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
The ATS17501 is a single IC solution designed for rotational
position sensing of a ferrous gear target found in automotive
and industrial electric motor applications (often with specific
application and safety requirements). The IC is housed in an
SG package that incorporates a rare-earth magnetic pellet for
ease of manufacturing, consistent application performance
over temperature, and enhanced reliability.
ThreeHallelementsareincorporatedtocreatetwoindependent
differential channels. These inputs are processed by digital
circuits and robust algorithms designed to eliminate the
detrimental effects of magnetic and system offsets, and to
address false output transitions caused by target vibrations
in electric motors at startup and low speed operation. The
differential signals are used to produce a highly accurate
speed output and, if desired, provide information on the
direction of rotation.
Advanced calibration techniques are used to optimize signal
offset and amplitude. This calibration, combined with the
digital tracking of the signal, results in accurate switch points
over air gap, speed, and temperature.
The IC can be programmed for a variety of applications
requiring dual-phase gear speed and position signal
information or simultaneous high-resolution gear speed
and direction information. It can be configured to enable
Fault Detection mode for ASIL B(D) utilization (assessment
pending).
The ATS17501 SG package is a lead (Pb) free 4-pin SIP
package with an integrated back-biasing magnet and a 100%
matte-tin-plated lead frame.
ATS17501-DS, Rev. 2
MCO-0000734
• High-speed switching bandwidth up to 40 kHz
• Two independent output channels with options for high
resolution XOR speed, pulse, and direction protocol
• ASIL B(D) compliant (ISO 26262), assessment pending
• Optional fault detection output protocol
• Immune to common external magnetic disturbance
• EEPROM enables factory traceability throughout product
life cycle
• Ideally suited for asynchronous electric motor applications
Dual Output Differential Speed and Direction Sensor IC
Functional Block Diagram
ATS17501
FEATURES AND BENEFITS
DESCRIPTION
March 19, 2020
2
-
PACKAGE:
Not to scale
4-Pin SIP
(suffix SG)
Digital
Controller
Analog
Regulator
Temperature
Sensor
Oscillator
EEPROM
Diagnostics
Digital
Regulator
Hall
Elements
OUTB
GND
OUTA
VCC
ADC
Analog
Filter
ADC
Analog
Filter
Gain
Gain
Advance Information Datasheet • Subject to Change Without Notice


Similar Part No. - ATS17501

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
ATS177 ANACHIP-ATS177 Datasheet
193Kb / 6P
Single Output Hall Effect Latch
Rev.A6 Jun 23, 2004
logo
Diodes Incorporated
ATS177 DIODES-ATS177 Datasheet
149Kb / 8P
SINGLE OUTPUT HALL EFFECT LATCH
ATS177 Rev. 1
ATS177 DIODES-ATS177 Datasheet
170Kb / 9P
SINGLE OUTPUT HALL EFFECT LATCH
DS31055 Rev. 6 - 2
ATS177-P DIODES-ATS177-P Datasheet
149Kb / 8P
SINGLE OUTPUT HALL EFFECT LATCH
ATS177 Rev. 1
ATS177-PG-A-A DIODES-ATS177-PG-A-A Datasheet
170Kb / 9P
SINGLE OUTPUT HALL EFFECT LATCH
DS31055 Rev. 6 - 2
More results

Similar Description - ATS17501

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS605LSG ALLEGRO-ATS605LSG Datasheet
1Mb / 17P
Dual Output Differential Speed and Direction Sensor IC
A1693 ALLEGRO-A1693 Datasheet
815Kb / 15P
Vibration-Tolerant Hall-Effect Transmission Speed and Direction Sensor IC
A1699 ALLEGRO-A1699 Datasheet
1Mb / 18P
Two-Wire, Differential, Vibration-Resistant Sensor IC with Speed and Direction Output
A19350 ALLEGRO-A19350 Datasheet
1Mb / 14P
High Accuracy GMR Wheel Speed and Direction Sensor IC
A19520 ALLEGRO-A19520 Datasheet
883Kb / 15P
Vibration-Tolerant Hall-Effect Transmission Speed and Direction Sensor IC
ATS699LSN ALLEGRO-ATS699LSN Datasheet
861Kb / 15P
Two-Wire, Differential, Vibration-Resistant Sensor IC with Speed and Direction Output
A1696PUC ALLEGRO-A1696PUC Datasheet
1Mb / 17P
Position Sensor IC with Speed and Direction Output
A17501 ALLEGRO-A17501 Datasheet
1Mb / 22P
Dual Output Differential Speed and Direction Sensor IC
A19571 ALLEGRO-A19571 Datasheet
2Mb / 17P
GMR Transmission Speed and Direction Sensor IC
ATS696PSM ALLEGRO-ATS696PSM Datasheet
714Kb / 17P
Position Sensor IC with Speed and Direction Output
October 26, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com