Electronic Components Datasheet Search
  English  ▼

X  

ATS17501 Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # ATS17501
Description  Dual Output Differential Speed and Direction Sensor IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS17501 Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button ATS17501 Datasheet HTML 2Page - Allegro MicroSystems ATS17501 Datasheet HTML 3Page - Allegro MicroSystems ATS17501 Datasheet HTML 4Page - Allegro MicroSystems ATS17501 Datasheet HTML 5Page - Allegro MicroSystems ATS17501 Datasheet HTML 6Page - Allegro MicroSystems ATS17501 Datasheet HTML 7Page - Allegro MicroSystems ATS17501 Datasheet HTML 8Page - Allegro MicroSystems ATS17501 Datasheet HTML 9Page - Allegro MicroSystems ATS17501 Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Dual Output Differential Speed and Direction Sensor IC
ATS17501
6
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
OPERATING CHARACTERISTICS (continued): Valid throughout operating ranges, unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ. [7]
Max.
Unit
OUTPUT CHARACTERISTICS (continued) [8]
Fault Voltage [9]
VFAULT
Fault Detection
Mode enabled;
5 V, 1 kΩ or
5 V, 3 kΩ option
High fault (VFAULT(HIGH))
4.5
–
–
V
Mid fault (VFAULT(MID))
1.25
–
3.75
V
Low fault (VFAULT(LOW))
–
–
0.5
V
Fault Detection
Mode enabled;
12 V, 1 kΩ option
High fault (VFAULT(HIGH))
10.8
–
–
V
Mid fault (VFAULT(MID))
3.6
–
8.4
V
Low fault (VFAULT(LOW))
–
–
1.2
V
Allowable Pullup Voltage
VPULLUP
Fault Detection Mode disabled
4
–
24
V
Fault Detection
Mode enabled
5 V, 1 kΩ or 5 V, 3 kΩ option
4.75
–
5.25
V
12 V, 1 kΩ option
11.4
–
12.6
V
Allowable Pullup Resistor [10]
RPULLUP
Fault Detection Mode disabled
–
1
–
kΩ
Fault Detection
Mode enabled
5 V, 1 kΩ option
0.8
–
1.46
kΩ
5 V, 3 kΩ option
1.46
–
3.4
kΩ
12 V, 1 kΩ option
0.9
–
1.1
kΩ
Allowable Load Capacitor [11]
CLOAD
Fault Detection Mode enabled
1
–
–
nF
Output Leakage Current
IOUT(OFF) Fault Detection Mode disabled; VOUT = VOUT(HIGH)
–
–
10
µA
Duty Cycle
D
Speed output protocol; Dynamic Threshold
option; sinusoidal input signal; fOP < 1 kHz
45
50
55
%
Output Rise Time
tr
10%→90%; VPULLUP = 5 V; RPULLUP = 1 kΩ;
CLOAD = 2.2 nF
–
5
–
µs
Output Fall Time
tf
90%→10%;
VPULLUP = 5 V;
RPULLUP = 1 kΩ;
CLOAD = 2.2 nF
Fault Detection Mode disabled;
Fast fall time option
–
0.5
–
µs
Fault Detection Mode disabled;
Slow fall time option
–
3.5
–
µs
Fault Detection Mode
enabled
–
6
–
µs
Forward Pulse Width [12]
tw(FWD)
38
45
52
µs
Reverse Pulse Width [12]
tw(REV)
76
90
104
µs
Propagation Delay
td
Delay from the magnetic signal crossing a switch
point threshold to the start of the output transition
–
8
–
µs
Jitter [13]
–
σ×6; sinusoidal
input signal;
fOP = 1 kHz
BDIFF(pk-pk) = 100 G
–
–
0.13
target degrees
BDIFF(pk-pk) = 150 G
–
–
0.086
target degrees
BDIFF(pk-pk) = 200 G
–
–
0.064
target degrees
[7]
Typical values are for VCC = 5 V and TA = 25°C, unless otherwise specified.
[8]
Output characteristics are valid for each output independently, unless otherwise specified.
[9]
Valid with Fault Detection Mode enabled and correct programming of the Fault Detection Load Circuit option; see Selection Guide.
[10]
See Application Circuit section.
[11]
Minimum capacitor required when Fault Detection Mode is enabled to ensure correct output levels over operating conditions. Increased load capacitance will directly impact maximum operating
frequency due to the increased rise and fall times; see Application Circuit section.
[12]
Time from start of output transition from VOUT(HIGH) to VOUT(LOW) to start of output transition from VOUT(LOW) to VOUT(HIGH). Measured pulse width will vary with load circuit configurations and measure-
ment thresholds. Valid with Pulse or Pulse Inverted output protocol; see Programming Options section.
[13]
Guaranteed by design and characterization only. Characterization performed by measuring greater than 1,000 falling output edges of the same target feature at constant temperature using Reference
Target 60-0, see Reference Target Characteristics section. Value representative of a 6-σ distribution, such that 99.76% of the measured values are within the specified target degree.
Continued on next page...
Advance Information Datasheet
Subject to Change Without Notice
March 19, 2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com