Electronic Components Datasheet Search
  English  ▼

X  

ATS17501 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # ATS17501
Description  Dual Output Differential Speed and Direction Sensor IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS17501 Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button ATS17501 Datasheet HTML 3Page - Allegro MicroSystems ATS17501 Datasheet HTML 4Page - Allegro MicroSystems ATS17501 Datasheet HTML 5Page - Allegro MicroSystems ATS17501 Datasheet HTML 6Page - Allegro MicroSystems ATS17501 Datasheet HTML 7Page - Allegro MicroSystems ATS17501 Datasheet HTML 8Page - Allegro MicroSystems ATS17501 Datasheet HTML 9Page - Allegro MicroSystems ATS17501 Datasheet HTML 10Page - Allegro MicroSystems ATS17501 Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Dual Output Differential Speed and Direction Sensor IC
ATS17501
7
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
OPERATING CHARACTERISTICS (continued): Valid over operating ranges, unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ. [14]
Max.
Unit
SWITCH POINT CHARACTERISTICS
Operate Point
BOP
% of BDIFF(PKPK); VOUT = VOUT(LOW) → VOUT =
VOUT(HIGH); Dynamic Threshold option
–
70
–
%
Release Point
BRP
% of BDIFF(PKPK); VOUT = VOUT(HIGH) → VOUT =
VOUT(LOW); Dynamic Threshold option
–
30
–
%
Hysteresis
BHYS
ΔBDIFF after
switch point
to allow next
output transition
% of BDIFF(PKPK);
Dynamic Threshold option
–
40
–
%
Fixed Threshold option
–
10
–
G
INPUT CHARACTERISTICS
Operating Frequency
fOP
Sinusoidal input signal; forward and reverse
target rotation; not valid for Pulse or Inverse
Pulse output protocol
0
–
40
kHz
Forward Pulse Operating Frequency
fOP(FWD)
Pulse or Inverse Pulse output protocol
0
–
9
kHz
Reverse Pulse Operating Frequency
fOP(REV)
Pulse or Inverse Pulse output protocol
0
–
6
kHz
Operating Magnetic Input [15]
BDIFF(pk-pk) See Figure 2
Dynamic Threshold option;
fOP ≤ 20 kHz
30
–
–
G
Dynamic Threshold option;
fOP > 20 kHz
40
–
–
G
Fixed Threshold option
100
–
–
G
Operating Magnetic Input Peak [15]
BDIFF
See Figure 2
–1150
–
1150
G
Operating Magnetic Input Signal
Variation [16]
ΔBDIFF(pk-pk)
Bounded amplitude ratio within TWINDOW; no
missed output transitions; possible incorrect
direction information and/or reduction in switch
point accuracy; see Figure 3 and Figure 4
0.6
–
2
–
Operating Magnetic Input Signal
Variation Window
TWINDOW
Rolling window in which ΔBDIFF(pk-pk) cannot
exceed bounded ratio; see Figure 3 and Figure 4
8
–
–
TCYCLE
Operating Air Gap [17]
AG
Using Reference Target 60-0; fOP < 10 kHz;
Dynamic Threshold option
0.75
–
2.75
mm
THERMAL CHARACTERISTICS
Package Thermal Resistance
RθJA
Minimum-K PCB, single layer, single-sided, with
copper limited to solder pads
–
126
–
°C/W
Low-K PCB, single layer, single-sided, with
copper limited to solder pads and 3.57 in.2
(23.03 cm2) of copper area each side
–
84
–
°C/W
[14]
Typical values are for VCC = 5 V and TA = 25°C, unless otherwise specified.
[15]
Differential magnetic field is measured for Left Channel (F1-F2) and Right Channel (F2-F3) independently; see Package Diagram. Magnetic field is measured orthogonally to the branded package
face.
[16]
Operating magnetic input variation is valid for symmetrical peak variation about the signal offset. BDIFF(pk-pk) must always be greater than BDIFF(pk-pk,min).
[17]
Operating air gap is dependent on the available magnetic field. The available magnetic field is target geometry, material, and speed dependent. Operational air gap should be independently charac-
terized for each target.
Advance Information Datasheet
Subject to Change Without Notice
March 19, 2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com