Electronic Components Datasheet Search
  English  ▼

X  

ATS17501 Datasheet(PDF) 22 Page - Allegro MicroSystems

Part # ATS17501
Description  Dual Output Differential Speed and Direction Sensor IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS17501 Datasheet(HTML) 22 Page - Allegro MicroSystems

Back Button ATS17501 Datasheet HTML 15Page - Allegro MicroSystems ATS17501 Datasheet HTML 16Page - Allegro MicroSystems ATS17501 Datasheet HTML 17Page - Allegro MicroSystems ATS17501 Datasheet HTML 18Page - Allegro MicroSystems ATS17501 Datasheet HTML 19Page - Allegro MicroSystems ATS17501 Datasheet HTML 20Page - Allegro MicroSystems ATS17501 Datasheet HTML 21Page - Allegro MicroSystems ATS17501 Datasheet HTML 22Page - Allegro MicroSystems ATS17501 Datasheet HTML 23Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
Dual Output Differential Speed and Direction Sensor IC
ATS17501
22
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Figure 15: Package SG, 4-Pin SIP
0.71 ±0.05
5.50 ±0.05
4.70 ±0.10
0.60 ±0.10
0.40 ±0.10
24.65 ±0.10
15.30 ±0.10
1.0 REF
0.71 ±0.10
0.71 ±0.10
1.60 ±0.10
1.27 ±0.10
5.50 ±0.10
8.00 ±0.05
5.80 ±0.05
1.70 ±0.10
24
3
1
A
A
A
B
B
C
C
D
E
E
F
F
F
F
F
F
1.75
1.75
Dambar removal protrusion (16X)
Metallic protrusion, electrically connected to pin 4 and substrate (both sides)
Thermoplastic Molded Lead Bar for alignment during shipment
Active Area Depth, 0.43 mm
Hall elements (F1, F2, F3), not to scale
Branded
Face
F1
F2
F3
Branding scale and appearance at supplier discretion
0.38 +0.06
–0.04
For Reference Only – Not for Tooling Use
(Reference DWG-0000040)
Dimensions in millimeters– NOTTO SCALE
Dimensions exclusive of mold flash, gate burrs, and dambar protrusions
Exact case and lead configuration at supplier discretion within limits shown
D
Line 1, 2, 3 = 7 characters, centered
Logo A molded in
Line 1: 7-digit alphanumeric Lot Number
Line 2: Part Number
Line 3: 4-digit Date Code
Standard Branding Reference View
Lot Number
AXXXXX
Date Code
PACKAGE OUTLINE DRAWING
Advance Information Datasheet
Subject to Change Without Notice
March 19, 2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com