| Electronic Components Datasheet Search |
|
ATS17501 Datasheet(PDF) 20 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
ATS17501 Datasheet(HTML) 20 Page - Allegro MicroSystems |
|
20 / 23 page ![]() Dual Output Differential Speed and Direction Sensor IC ATS17501 20 Allegro MicroSystems 955 Perimeter Road Manchester, NH 03103-3353 U.S.A. www.allegromicro.com Diagnostics and Fault Reporting The ATS17501 contains diagnostics monitors of analog and digital circuits of the IC. These continuously monitor and report if any defect, calculation error, or invalid input stimulus is found. If a diagnostic monitor fires, the outputs of the ATS17501 will transition to a VFAULT level. For all faults, the outputs will remain at the VFAULT level for enough time to allow the system control- ler to monitor that a fault has occurred. For some diagnostics, it is possible to clear the fault with a reset of the internal controller of the sensor IC. If any of those diagnostic monitors triggers the fault event, the ATS17501 will automatically perform a reset of the internal controller after the output is held VFAULT for enough time to allow the system controller to monitor the fault event. For diagnostics and fault reporting to perform correctly, proper programming and adherence to the specifications and assump- tions stated in this datasheet, the ATS17501 Safety Manual, and any other addendum, corrigendum, and application note that applies to the ATS17501. For more information on diagnostics and fault reporting, see the ATS17501 Safety Manual. Recalibration Under large amplitude vibration conditions at startup, the peak- to-peak and phase relationship of the magnetic input signals can meet the conditions to calibrate. Once normal rotation resumes, the actual signal amplitudes can be much larger than the peak signals acquired during calibration. Rather than wait several TCYCLE events for the peak signal to be tracked to actual levels, the ATS17501 will detect the difference and recalibrate on the new signal. Recalibration allows for fast and robust correction from cases of calibration on vibration events. Pulse Collision Prevention In cases of “high-speed” vibration, output transitions can occur at very high frequencies, to prevent pulse collision (truncation of the pulse width), the ATS17501 will prevent output transitions until the current output pulse transition is complete to ensure the system controller can accurately interpret the output signal. This feature is only implemented when a pulse protocol option is selected. High Configurability The ATS17501 contains programmable parameters, as shown in the Selection Guide, that can be configured to provide applica- tion-level optimization. Advance Information Datasheet Subject to Change Without Notice March 19, 2020 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |