Electronic Components Datasheet Search
  English  ▼

X  

30H Datasheet(PDF) 5 Page - 3M Electronics

Part # 30H
Description  3M FastbondTM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

30H Datasheet(HTML) 5 Page - 3M Electronics

  30H Datasheet HTML 1Page - 3M Electronics 30H Datasheet HTML 2Page - 3M Electronics 30H Datasheet HTML 3Page - 3M Electronics 30H Datasheet HTML 4Page - 3M Electronics 30H Datasheet HTML 5Page - 3M Electronics 30H Datasheet HTML 6Page - 3M Electronics 30H Datasheet HTML 7Page - 3M Electronics 30H Datasheet HTML 8Page - 3M Electronics 30H Datasheet HTML 9Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
3M™ Fastbond™
Contact Adhesive 30NF • 30H
- 5 -
Handling/Application
Information (continued)
Cleaning: Brushes or rollers which are to be reused should be wrapped with
plastic wrap to keep adhesive wet as complete cleaning is difficult.
Note: Never pour solvent onto a bonded surface; it will attack the adhesive
line and weaken the bond. Just wipe with cloth dampened in solvent or
cleaner such as 3M™ Citrus Base Cleaner.* Turpentine will not
dissolve the adhesive.
*When using solvents, extinguish all ignition sources, including pilot
lights, and follow the manufacturer’s precautions and directions for use.
Application Equipment
Suggestions
Note: Appropriate application equipment can enhance adhesive performance. We
suggest the following application equipment for the user’s evaluation in light
of the user’s particular purpose and method of application.
1. Air Atomizing Spray Equipment
Hand Held Spray
Applicators
Air
Cap
Fluid
Tip
Air
Pressure
Approximate
Air Requirement
Fluid Flow*
Binks 2001SS, 95
DeVilbiss MSA-510
66SD
#30
65SS
FF
10-15 psi
10-15 psi
6 scfm @ 20 psi
6 scfm @ 20 psi
9-12 fl. oz./min.
9-12 fl. oz./min.
H.V.L.P. (high volume, low pressure)
Binks Mach 1
95P
94F
30 psi
11 scfm @ 30 psi
9-12 fl. oz./min.
Automatic Spray Applicators
Binks No. 95A
H.V.L.P. Mach 1A
66SD
95P
65SS
94F
10-15 psi
30 psi
6 scfm @ 20 psi
11 scfm @ 30 psi
9-12 fl. oz./min.
9-12 fl. oz./min.
*To measure fluid flow: Pressurize fluid source only; pull trigger; flow material into measuring device
for 60 seconds; increase or decrease fluid source pressure to obtain desired fluid flow.
Note: Low pressure, air operated piston pumps should not be used with these products.
2. Pressure Pot: Polyethylene liner. Dip tube and fittings should be plastic or stainless steel.
3. Pumping Equipment: 1 in. plastic diaphragm pump with PTFE checks and diaphragms such as
manufactured by Warren Rupp Co.
4. Filter: (pump output) Graco model 12 (stainless steel) with filter bag #521-264 or equivalent. Or 300
micron mesh equivalent.
5. Airless Spray: This product can be airless sprayed. Fluid tips ranging from .018 in. to .031 in. at fluid
pressures up to 1,100 psi are normally used.
6. Hoses: All material hoses should be nylon or polyethylene lined with plastic or stainless steel fittings.
7. Roll Coating: 3M
™ Fastbond™ Contact Adhesive 30H may be coated with a machine type roll coater
such as manufactured by Black Bros., Mendota, IL. Roll covering should be urethane with 24 grooves
per inch for most applications.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com