Electronic Components Datasheet Search
  English  ▼

X  

30H Datasheet(PDF) 1 Page - 3M Electronics

Part # 30H
Description  3M FastbondTM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

30H Datasheet(HTML) 1 Page - 3M Electronics

  30H Datasheet HTML 1Page - 3M Electronics 30H Datasheet HTML 2Page - 3M Electronics 30H Datasheet HTML 3Page - 3M Electronics 30H Datasheet HTML 4Page - 3M Electronics 30H Datasheet HTML 5Page - 3M Electronics 30H Datasheet HTML 6Page - 3M Electronics 30H Datasheet HTML 7Page - 3M Electronics 30H Datasheet HTML 8Page - 3M Electronics 30H Datasheet HTML 9Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
3
FastbondTM
Contact Adhesive 30NF • 30H
Technical Data
January, 2017
Product Description
• 3M™ Fastbond™ Contact Adhesive 30NF and 30H are water-dispersed,
sprayable contact adhesives for high immediate bond strength and long bonding
range. The 3M Canada version of 30H is also known as 30 Low Mist.
Features
• Non-flammable in the wet state.
• Post-formable and heat resistant.
• Bonds most foamed plastics, plastic laminate, wood, plywood, and canvas to
themselves and to each other.
• 3M™ Fastbond™ Contact Adhesive 30NF has been tested and approved for use
by the Woodwork Institute of California under the provisions of ANSI/HPMA
HP 1983 for Type II adhesive and the heat resistance test set forth in its Manual
of Millwork.
• Fastbond contact adhesive 30NF is recognized under the Component Program
Underwriter’s Laboratories, Inc. Component Recognition Program Guide GSRJ2,
File R14485, Door Construction Materials. For use with swinging type fire doors
of the hollow metal and steel composite types rated up to and including 3 hours.
• PPAP (Production Part Approval Process) documentation has been issued for
3M™ Fastbond™ Contact Adhesive 30H. (30 Low Mist)
• Not recommended for drywall laminating or for bonding metal surfaces (unless
metal surfaces are completely dried by force drying and protected from moisture).
• Certified to GREENGUARD® Product Emission Standard For Children and
Schools(SM) for low emitting interior building materials:
° Addresses or Contributes to LEED® EQ Credit 4.1: Low Emitting
Materials: Adhesive and Sealants
° Addresses or Contributes to LEED® EQ Credit 4.3: Low Emitting
Materials: Flooring Materials
° Addresses or Contributes to LEED® EQ Credit 4.4: Low Emitting
Materials: Composite Wood and Agrifiber Products
° Addresses or Contributes to LEED® EQ Credit 4.5: Low Emitting
Materials: Furniture and Furnishings
° Addresses or Contributes to LEED® EQ Credit 4.6: Low Emitting
Materials: Ceiling and Wall Systems
Special Note
When bonding wood veneers, success is dependent on many variables such as
environmental conditions, bonding process, type of base material, type of veneer,
adhesive type and top coat finishing systems to name a few. For un-backed wood
veneers, water based contact adhesives are not recommended. It is the user’s
responsibility to thoroughly test any adhesive for its suitability in bonding wood
veneers. It is also recommended to follow the veneer manufacturers
recommendation and industry guidelines.


Similar Part No. - 30H

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
30H10K FUMAN-30H10K Datasheet
687Kb / 6P
N-Channel Trench Power MOSFET
logo
Wing Shing Computer Com...
30H2A2H WINGS-30H2A2H Datasheet
111Kb / 1P
Ni-Mn BUTTON CELLS
30H2A2HD WINGS-30H2A2HD Datasheet
111Kb / 1P
Ni-Mn BUTTON CELLS
30H3A2H WINGS-30H3A2H Datasheet
35Kb / 1P
Ni-Mn BUTTON CELLS
logo
Semtech Corporation
30HC SEMTECH-30HC Datasheet
239Kb / 4P
SILICON PLANAR ZENER DIODE
More results

Similar Description - 30H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RYC8220-3M ETC-RYC8220-3M Datasheet
149Kb / 2P
RYC8220-3M
logo
3M Electronics
9601026202AR 3M-9601026202AR Datasheet
548Kb / 5P
3M™ Boardmount Socket
14-Feb-2008
9691020000DA 3M-9691020000DA Datasheet
378Kb / 5P
3M™ Shunt
16-Feb-2009
C1700SS 3M-C1700SS Datasheet
137Kb / 2P
3M MicroTouch Display
MP180 3M-MP180 Datasheet
764Kb / 1P
3M™ PocketProjector
441549 3M-441549 Datasheet
1Mb / 4P
3M™ Accessories
02-Feb-2009
9969 3M-9969 Datasheet
344Kb / 2P
3M Transfer Adhesive Tape featuring 3M PCAT
Sep-2017
2000-NF 3M-2000-NF Datasheet
45Kb / 7P
FastbondTM Contact Adhesive 2000-NF with Spray Activator #1
Sep-2010
4224-NF 3M-4224-NF Datasheet
362Kb / 4P
FastbondTM Pressure Sensitive Adhesives
Feb-2015
AB7000HF 3M-AB7000HF Datasheet
68Kb / 2P
3M??AB7000HF
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com