Electronic Components Datasheet Search
  English  ▼

X  

30H Datasheet(PDF) 8 Page - 3M Electronics

Part # 30H
Description  3M FastbondTM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

30H Datasheet(HTML) 8 Page - 3M Electronics

  30H Datasheet HTML 1Page - 3M Electronics 30H Datasheet HTML 2Page - 3M Electronics 30H Datasheet HTML 3Page - 3M Electronics 30H Datasheet HTML 4Page - 3M Electronics 30H Datasheet HTML 5Page - 3M Electronics 30H Datasheet HTML 6Page - 3M Electronics 30H Datasheet HTML 7Page - 3M Electronics 30H Datasheet HTML 8Page - 3M Electronics 30H Datasheet HTML 9Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
3M™ Fastbond™
Contact Adhesive 30NF • 30H
- 8 -
Test Temp.
Time @ 75°F Value (lbs./inch width)
Test Temp.
Value (p
75°F (24°C)
1 Day
25
-30°F (-37°C)
1100
75°F (24°C)
3
35
75°F (24°C)
480
75°F (24°C)
5
30
180°F (82°C)
60
75°F (24°C)
7
20
200°F (93°C)
30
75°F (24°C)
2 wks.
20
225°F (107°C)
40
75°F (24°C)
3 wks.
15
-30°F (-37°C)
3 wks.
5
150°F (66°C)
3 wks.
10
180°F (82°C)
3 wks.
10
Typical Adhesive
Performance
Characteristics
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
T-Peel Strength
Overlap Shear Strength
Canvas/Canvas
1⁄8” Birch 1⁄8” Birch
si)
Flatwise Tensile Test: High pressure laminate/particle board.
Test speed = 0.05 in./min.
Test Temperature
3M
™ Fastbond™ Contact Adhesive 30-NF
75°F (24°C)
*113 psi
150°F (66°C)
55 psi
180°F (82°C)
30 psi
200°F (93°C)
27 psi
*Particle board failure
Activation of Pre-Applied Adhesive
Sections of high pressure laminate were sprayed with adhesive, dried, and then
stored at 75°F (24°C). Each month for nine months a piece of pre-coated laminate
was bonded to birch plywood that had been sprayed with adhesive and allowed to
dry for 10 minutes. The bonds were made in a pinch roller and then aged 3 weeks
before testing.
1/8 in. Birch/High-Pressure Laminate Shear Strength (lbs./sq. in.)
Aging Period
Test Temp.
Test Temp.
Test Temp.
Months
75°F (24°C)
150°F (66°C)
180°F (82°C)
Control
265
130
30
3
315
140
80
6
305
150
75
9
285
125
50
Note: Pre-applied adhesive must be kept free of dust and dirt. Pre-applied adhesive
can also be activated with 3M™ Contact Adhesives 5 and 1357.
Surface Flammability
Test conducted in accordance with ASTM E-286-69 “Surface Flammability of
Building Materials” using an eight (8) foot tunnel furnace.
Test Results
3M
™ Fastbond™ Contact Adhesive
30-NF
Flame Spread Index
0
Fuel Contributed Index
0
Smoke Density Index
16.1
Note: No flaming or odor emissions were present during testing. Adhesive
application amount was 2.95 gm./ft.2 dry.
Moisture vapor transmission: MVP rating = 0.0091 perm inches.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com