Electronic Components Datasheet Search
  English  ▼

X  

30H Datasheet(PDF) 2 Page - 3M Electronics

Part # 30H
Description  3M FastbondTM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

30H Datasheet(HTML) 2 Page - 3M Electronics

  30H Datasheet HTML 1Page - 3M Electronics 30H Datasheet HTML 2Page - 3M Electronics 30H Datasheet HTML 3Page - 3M Electronics 30H Datasheet HTML 4Page - 3M Electronics 30H Datasheet HTML 5Page - 3M Electronics 30H Datasheet HTML 6Page - 3M Electronics 30H Datasheet HTML 7Page - 3M Electronics 30H Datasheet HTML 8Page - 3M Electronics 30H Datasheet HTML 9Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
3M™ Fastbond™
Contact Adhesive 30NF • 30H
- 2 -
Typical Physical
Properties
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Product
3M
™ Fastbond™ Contact Adhesive
30NF
3M
™ Fastbond™ Contact Adhesive 30H
(30 Low Mist in Canada)
Base:
Polychloroprene
Polychloroprene
Color:
Green when wet. Darker green when dry.
Neutral, White (Wet), Clear (Dry)
Green (Wet), Darker Green (Dry)
Net Weight:
8.9 - 9.3 lbs./gal.
8.9 - 9.3 lbs./gal.
Solids (by wt):
47-51%
45-50%
Solvent(s):
Water
Methanol <2%
Toluene <3%
Water
Ethanol <2%
Xylene <3%
Flash Point:
None
– Setaflash® closed cup tester
None
– Setaflash® closed cup tester
Coverage:(@ 3 gms/ft2dry)
680 sq. ft./gal.
680 sq. ft./gal.
Viscosity:
Brookfield Viscometer:
200-750 cps
RVF #2 sp. @ 20 rpm @ 80°F
5500-9500 cps
RVF #4 sp. @ 20 rpm @ 77°F



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com