Electronic Components Datasheet Search
  English  ▼

X  

30H Datasheet(PDF) 6 Page - 3M Electronics

Part # 30H
Description  3M FastbondTM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

30H Datasheet(HTML) 6 Page - 3M Electronics

  30H Datasheet HTML 1Page - 3M Electronics 30H Datasheet HTML 2Page - 3M Electronics 30H Datasheet HTML 3Page - 3M Electronics 30H Datasheet HTML 4Page - 3M Electronics 30H Datasheet HTML 5Page - 3M Electronics 30H Datasheet HTML 6Page - 3M Electronics 30H Datasheet HTML 7Page - 3M Electronics 30H Datasheet HTML 8Page - 3M Electronics 30H Datasheet HTML 9Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
3M™ Fastbond™
Contact Adhesive 30NF • 30H
- 6 -
nued)
Application Equipment
Suggestions (conti
Typical Automatic Spray System
1. Screen, Binks #41-2662
2. 3/4 in. PVC Plastic pipe, approximately 3 ft.
3. Nylon based hose, 3/4 in. ID, Binks #71-284, with
#72-417 hose fittings, approximately 4 ft. long.
4. 3/4 to 1 in. NPT Plastic reducer nipple.
5. Pump 1 in. plastic diaphragm pump with PTFE checks and
diaphragm such as manufactured by Warren Rupp Co.
6. 11/2 in. ID, NPT Plastic reducer nipple.
7. Nylon lined hose, 1/2 in. ID, Binks #71-283, with
#72-1334 fittings.
8. 1/2 to 11/2 in., NPT Plastic reducer nipple.
9. Graco Model 12 (stainless steel) with filter bag
#521-264 or equivalent.
10. 11/2 in. to 3/8 in., NPT Plastic reducer nipple.
11. Nylon lined hose, 3/4 in. ID, Binks #71-282, with
#72-1328 fittings.
12. Automatic spray gun Binks #95A with stainless
steel fluid tip #65 and #66SD air cap.
Note: Polyethylene tubing may be substituted for
nylon lined hose.
Typical Laminating Line
1. Conveyor: Conveyor should be adjusted to give the required
drying time. For example, a conveyor speed of 10 feet per
minute with a 10-foot long oven will give a drying time of
60 seconds.
2. Reciprocating Spray Machine and Spray Booth.
3. Drying Oven.
4. Lay-Up Area.
5. Nip Rolls.
6. Take Off Table
Start Up, Maintenance and Shut Down for Automatic Spray Lines:
Water-based adhesives differ from solvent based adhesives in two major respects:
1.
Dried water-based adhesive will not dissolve in the wet adhesive.
2.
The presence of water in the system creates the potential for corrosion of or reaction with certain metals, such as copper, brass, steel,
aluminum, etc. As a result, extra care is required to assure proper functioning of spray equipment. The attached schematic of a suggested spray
system, start-up
procedure for this system, and suggested maintenance program, were developed with the properties of 3M water-based adhesives in mind.
Start-Up Procedure for Air Atomizing Spray System with Rupp Pump
1. Connect pump to piping system. Flush lines and pipes with hot, soapy water* to remove possible contaminants before attaching pump or spray
gun. Flush thoroughly with clean water. Blow out excess water. Do not connect fluid line to spray applicator.
2. If pump has not been supplied with air regulator, attach regulator and gauge to air inlet of pump.
3. Close air inlet valve on pump and attach regulator inlet to air supply.
4. Adjust regulator to “0” pressure reading on the gauge.
5. Open air inlet valve all the way and tighten lock nut.
6. Insert suction tube in adhesive so that inlet to tube is at bottom of container.
7. Direct end of fluid hose into a waste container.
8. Start pump by increasing regulated inlet air pressure (approximately 5 psi will be required).
9. Run pump until all traces of air are out of the system and adhesive is flowing in a steady, uninterrupted stream.
10. Shut off pump by reducing inlet air pressure to “0” psi or disconnecting inlet air line from regulator.
11. Immediately connect fluid hose to spray applicator.
12. Turn on pump and manually trigger applicator a few times to purge air from applicator.
13. Set flow rate of spray applicator by increasing or decreasing inlet air pressure to pump (normally 5-30 psi).
14. Adjust atomizing air pressure and fan air to obtain desired spray pattern (normally 10-20 psi).
*Cleaning solution: One pint detergent to five gallons of water. Flush with clean water.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com