Electronic Components Datasheet Search
  English  ▼

X  

30H Datasheet(PDF) 7 Page - 3M Electronics

Part # 30H
Description  3M FastbondTM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

30H Datasheet(HTML) 7 Page - 3M Electronics

  30H Datasheet HTML 1Page - 3M Electronics 30H Datasheet HTML 2Page - 3M Electronics 30H Datasheet HTML 3Page - 3M Electronics 30H Datasheet HTML 4Page - 3M Electronics 30H Datasheet HTML 5Page - 3M Electronics 30H Datasheet HTML 6Page - 3M Electronics 30H Datasheet HTML 7Page - 3M Electronics 30H Datasheet HTML 8Page - 3M Electronics 30H Datasheet HTML 9Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
3M™ Fastbond™
Contact Adhesive 30NF • 30H
- 7 -
Application Equipment
Suggestions (continued)
Maintenance Program
1. Filter: Follow the manufacturer’s instructions for disassembling filter. Remove
dirty filter bag and replace with clean bag. Do not allow adhesive to dry.
Reassemble filter immediately.
2. Pump: To remove pump from system for cleaning, disconnect fluid line at outlet
of pump and insert threaded plug into fluid line to prevent drying of adhesive.
Remove suction line from adhesive and place in 5 gallons of soapy water.** Flush
through the pump. Disconnect siphon line at inlet to pump and invert pump to
allow water to drain out. Follow disassembly instructions to remove manifold,
diaphragms and valves. Soak these parts in 3M™ Adhesive Remover or
equivalent until adhesive has been sufficiently loosened and can be rubbed off.*
Dry parts overnight at room temperature or 2 to 3 hours at 120°F (49°C) before
reassembling pump. Do not install parts until all odor is gone. If pump must be
returned to service quickly, a second set of diaphragms and valves should be
purchased and installed while the first set is being cleaned. To put the pump back
into operation, follow steps 6 through 12 in Start-Up Procedure.
3. Spray Applicator: Should the fluid tip become plugged, shut off pump by
reducing inlet air pressure to “0” psi, or disconnect inlet air. Manually trigger
applicator to relieve pressure in fluid lines. Remove tip, wipe any particles from
fluid needle with damp cloth and immediately install a clean fluid tip. (Note: Fluid
tips must be stainless steel.) Do not allow adhesive to dry in applicator or tip.
Plugged tip may be rinsed in water and soaked in mineral spirits, followed by
brushing with stiff bristle brush to remove adhesive. Air caps which become
coated with adhesive should be replaced with clean caps. Soak adhesive coated
caps in mineral spirits to clean.*
*When using solvents, extinguish all ignition sources, including pilot lights, and
follow the manufacturer’s precautions and directions for use.
**Cleaning solution: One pint cleaner to five gallons of water. Flush with clean
water.
Attention:
1. Do not use fluid lines that have previously been used with solvents whether
flammable or non-flammable.
2. Do not use “rubber” lined hose. Hose should be either flexible polyethylene
or nylon lined. All hose and pipe fittings should be plastic or stainless steel.
DO NOT use copper, aluminum, brass or steel fittings.
3. A pressure pot may be used in place of the pump. In this case, a polyethylene
bag liner should be used. Also the DIP TUBE AND FITTINGS SHOULD BE
CHANGED TO PLASTIC OR STAINLESS STEEL.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com