Electronic Components Datasheet Search
  English  ▼

X  

DP-M2 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # DP-M2
Description  Micro-differential Pressure High-precision Digital Pressure Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DP-M2 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  DP-M2 Datasheet HTML 1Page - Panasonic Semiconductor DP-M2 Datasheet HTML 2Page - Panasonic Semiconductor DP-M2 Datasheet HTML 3Page - Panasonic Semiconductor DP-M2 Datasheet HTML 4Page - Panasonic Semiconductor DP-M2 Datasheet HTML 5Page - Panasonic Semiconductor DP-M2 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Micro-differential Pressure High-precision Digital Pressure Sensor
DP-M SERIES
730
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
SAFETY LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
MANAGEMENT
SOLUTIONS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Selection
Guide
Pressure/
Digital Display
Pressure/
Head-separated
Flow
DP-0
DP-100
DP-M
ORDER GUIDE
Type
Appearance
Rated pressure range
Model No.
Pressure port
Output
0 to 2.00 kPa.D
{0 to 204 mmH2O.D}
DP-M2
ø4.6 mm
ø0.181 in
resin pipe
NPN open-collector
transistor
DP-M2A
OPTIONS
Designation
Model No.
Description
Sensor mounting
bracket
MS-PE-1
L-shaped bracket
[Two M3 (length 8 mm 0.315 in) screws with washers are attached.]
Panel mounting
bracket
MS-PE-2
It can be used for mounting on a panel
(1 to 3.2 mm 0.039 to 0.126 in thick).
Front protection
cover
MS-PE-3
It protects the sensor’s adjustment panel.
(It can be fitted when the panel mounting bracket is used.)
Digital panel
controller
(Note)
CA2-T1
This is a very small controller which allows two independent threshold level settings.
• Supply voltage: 24 V DC ±10 %
• No. of inputs: 1 No. (sensor input)
• Input range: 4 to 20 mA
• Output: NPN open-collector transistor
• Main functions:
Threshold level setting function, zero-adjust function, scale setting function, hysteresis setting function, start/
hold function, auto-reference function, power supply ON-delay function, etc.
Note: Refer to p.1143~ for the ultra-compact digital panel controller
CA2 series.
Sensor mounting bracket
Panel mounting bracket
Front protection cover
Digital panel controller
• MS-PE-1
Two M3 (length 8 mm 0.315 in)
screws with washers are attached.
L o
H i
• MS-PE-2
• MS-PE-3
Front protection
cover MS-PE-3
Panel mounting bracket
MS-PE-2
Suitable for 1 to 3.2 mm
0.039 to 0.126 in thick panel
DP-M2
2
O
mmH
kPa
0-ADJ
M2
M1
OU
T
MODE
(
)
• CA2 series



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com