Electronic Components Datasheet Search
  English  ▼

X  

DP-M2 Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # DP-M2
Description  Micro-differential Pressure High-precision Digital Pressure Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DP-M2 Datasheet(HTML) 6 Page - Panasonic Semiconductor

  DP-M2 Datasheet HTML 1Page - Panasonic Semiconductor DP-M2 Datasheet HTML 2Page - Panasonic Semiconductor DP-M2 Datasheet HTML 3Page - Panasonic Semiconductor DP-M2 Datasheet HTML 4Page - Panasonic Semiconductor DP-M2 Datasheet HTML 5Page - Panasonic Semiconductor DP-M2 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Micro-differential Pressure High-precision Digital Pressure Sensor
DP-M SERIES
734
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
SAFETY LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
MANAGEMENT
SOLUTIONS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Selection
Guide
Pressure/
Digital Display
Pressure/
Head-separated
Flow
DP-0
DP-100
DP-M
DP-M□
Sensor
5.5 0.217
40
1.575
40
1.575
42.3
1.665
25
0.984
10.6
0.417
32.5
1.280
13.6
0.535
30
1.181
17
0.669
ø4.6
ø0.181
ø4.6
ø0.181
3 digit
LED display (Red)
M2 setting
indicator (Red)
M1 setting
indicator (Red)
Operation
indicator (Orange)
Increment key
Decrement key
Pressure unit indicator
(mmH2O) (Red)
Pressure unit indicator
(kPa) (Red)
Pressure Lo-port
Pressure Hi-port
Mode selection key
ø3.7 ø0.146 cable,
2 m 6.562 ft long
2-M3 female
threads,
6 0.236 deep
DIMENSIONS (Unit: mm in)
The CAD data can be downloaded from our website.
MS-PE-1
Sensor mounting bracket (Optional)
25
0.984
25
0.984
25
0.984
25
0.984 53
2.087
22.5
0.886
38
1.496
13
0.512
t 2
t 0.079
2-ø6.4 ø0.252
mounting holes
4-ø3.4 ø0.134
mounting holes
ø25
ø0.984
Assembly dimensions
42.3
1.665
30
1.181
25
0.984
13
0.512
55
2.165
30
1.181
38
1.496
17
0.669
2
0.079
40
1.575
40
1.575
25
0.984
47.5
1.870
15
0.591
28.6
1.126
10.6
0.417
2-ø6.4 0.252
mounting holes
MS-PE-2 MS-PE-3
Panel mounting bracket, front protection cover (Optional)
Assembly dimensions
portion shows the front protection cover.
Material: Polycarbonate (Front protection cover)
Nylon 6, Polyacetal (Panel mounting bracket)
(6.4)
(0.252)
4
0.157
(27)
(1.063)
10.5
0.413
9.5
0.374
39.3
1.547
10.6
0.417
51.2
2.016
55.4
2.181
48
1.890
48
1.890
51.2
2.016
70
2.756
70
2.756
+0.024
0
1.772
45 +0.6
0
1.772 +0.024
0
45 +0.6
0
Panel cut-out dimensions
Note: The panel thickness should be 1 to 3.2 mm
0.039 to 0.126 in.
Material: Cold rolled carbon steel (SPCC)
Two M3 (length 8 mm 0.315 in) screws with washers are attached.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com