Electronic Components Datasheet Search
  English  ▼

X  

DP-M2 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # DP-M2
Description  Micro-differential Pressure High-precision Digital Pressure Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DP-M2 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  DP-M2 Datasheet HTML 1Page - Panasonic Semiconductor DP-M2 Datasheet HTML 2Page - Panasonic Semiconductor DP-M2 Datasheet HTML 3Page - Panasonic Semiconductor DP-M2 Datasheet HTML 4Page - Panasonic Semiconductor DP-M2 Datasheet HTML 5Page - Panasonic Semiconductor DP-M2 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
731 Micro-differentialPressureHigh-precisionDigitalPressureSensorDP-MSERIES
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
SAFETY LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
MANAGEMENT
SOLUTIONS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Selection
Guide
Pressure/
Digital Display
Pressure/
Head-separated
Flow
DP-0
DP-100
DP-M
SPECIFICATIONS
Note: Where measurement conditions have not been specified precisely, the conditions used were an ambient temperature of +20 °C +68 °F.
Type
Standard type
With analog current output type
Item
Model No.
DP-M2
DP-M2A
CE marking directive compliance
EMC Directive, RoHS Directive
Type of pressure
Differential pressure
Rated pressure range
0 to 2.00 kPa.D {0 to 204 mmH2O.D}
Set pressure range
0 to 2.00 kPa.D {0 to 204 mmH2O.D}
Set pressure resolution
0.01 kPa.D {1 mmH2O.D}
Pressure withstandability
6 kPa.D {612 mmH2O.D}
Applicable fluid
Non-corrosive gas
Selectable units
kPa, mmH2O
Supply voltage
12 to 24 V DC +10
–15 % Ripple P-P 10 % or less
Current consumption
50 mA or less
75 mA or less
Comparative output
NPN open-collector transistor
• Maximum sink current: 100 mA
• Applied voltage: 30 V DC or less (between comparative output and 0 V)
• Residual voltage: 1 V or less (at 100 mA sink current)
0.4 V or less (at 16 mA sink current)
Utilization category
DC-12 or DC-13
Output operation
Selectable either normally open (NO) or normally closed (NC) by the key
Hysteresis
0.01 kPa.D {1 mmH2O.D}
Repeatability
Within ±1 % F.S.
Response time
10 ms or less
Short-circuit protection
Incorporated
Analog current output
–
Output current: 4 to 20 mA (from 0 to 1.96 kPa.D {0 to 200 mmH2O.D})
Zero-point: within 4 mA ± 1 % F.S.
Span: within 16 mA ± 3 % F.S.
Linearity: within ±1 % F.S.
Load resistance: 0 to 250 Ω
Display
3 digit red LED display (Sampling rate: 4 times/sec. approx.)
Displayable pressure range
–0.05 to 2.10 kPa.D {–5 to 210 mmH2O.D}
Operation
Orange LED (lights up when the comparative output is ON)
Pressure unit
Red LED (The indicator corresponding to the selected unit lights up during the sensing mode.)
M1 setting
Red LED (blinks in the M1 setting mode)
M2 setting
Red LED (blinks in the M2 setting mode)
Pollution degree
3 (Industrial environment)
Ambient temperature
0 to +50 °C +32 to +122 °F (No dew condensation allowed), Storage: –10 to +60 °C +14 to +140 °F
Ambient humidity
35 to 85 % RH, Storage: 35 to 85 % RH
Voltage withstandability
1,000 V AC for one min. between all supply terminals connected together and enclosure
Insulation resistance
50 MΩ, or more, with 500 V DC megger between all supply terminals connected together and enclosure
Vibration resistance
10 to 150 Hz frequency, 0.75 mm 0.030 in double amplitude in X, Y and Z directions for two hours each
Shock resistance
100 m/s2 acceleration (10 G approx.) in X, Y and Z directions three times each
Temperature characteristics
Over ambient temperature range 0 to +50 °C +32 to +122 °F: within ±3 % F.S. of detected pressure at +25 °C +77 °F
Pressure port
ø4.6 mm ø0.181 in resin pipe
Material
Front case: ABS, Rear case: ABS, LED display: Acrylic, Pressure port: PA
Cable
0.18 mm2 3-core oil resistant cabtyre cable, 2 m 6.562 ft long
0.18 mm2 4-core oil resistant cabtyre cable, 2 m 6.562 ft long
Cable extension
Extension up to total 100 m 328.084 ft (less than 10 m 32.808 ft when conforming to CE marking) is possible with 0.3 mm2, or more, cable.
Weight
Net weight: 75 g approx., Gross weight: 135 g approx.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com