Electronic Components Datasheet Search
  English  ▼

X  

DP-M2 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # DP-M2
Description  Micro-differential Pressure High-precision Digital Pressure Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DP-M2 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  DP-M2 Datasheet HTML 1Page - Panasonic Semiconductor DP-M2 Datasheet HTML 2Page - Panasonic Semiconductor DP-M2 Datasheet HTML 3Page - Panasonic Semiconductor DP-M2 Datasheet HTML 4Page - Panasonic Semiconductor DP-M2 Datasheet HTML 5Page - Panasonic Semiconductor DP-M2 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Micro-differential Pressure High-precision Digital Pressure Sensor
DP-M SERIES
732
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
SAFETY LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
MANAGEMENT
SOLUTIONS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Selection
Guide
Pressure/
Digital Display
Pressure/
Head-separated
Flow
DP-0
DP-100
DP-M
I/O CIRCUIT AND WIRING DIAGRAMS
I/O circuit diagram
Wiring diagram
Note:The white lead wire is equipped only with the
DP-M2A.
Color code
(Brown) +V
(Black)
(White) Analog current output (Note)
(Blue) 0 V
100 mA max.
Load
Load
4 to 20 mA
Internal circuit
Users’ circuit
0 to 250 Ω
12 to 24 V DC
+
–
%
+10
–15
Comparative
output
D
Tr
ZD1
ZD2
kPa
0-ADJ
M2
M1
OUT
MODE
12 to 24 V DC
+
–
%
+10
–15
Load
Brown
Black
White (Note)
Blue
Load 0 to 250 Ω
Note: The analog current output is equipped only with the
DP-M2A.
The analog current output of
DP-M2A does not incorporate a short-
circuit protection circuit. Do not connect it directly to a power supply or
a capacitive load.
Symbols … D: Reverse supply polarity protection diode
ZD1, ZD2: Surge absorption zener diode
Tr: NPN output transistor
PRECAUTIONS FOR PROPER USE
Refer to p.1566 for general precautions.
• A sensor mounting bracket
MS-PE-1 (optional) may
be used. When mounting the sensor with the sensor
mounting
bracket, the
tightening
torque
should be
0.5 N·m or
less.
M3 (length 8 mm 0.315 in) screw with washers
(Accessory for
MS-PE-1)
Sensor mounting bracket
MS-PE-1 (Optional)
L o
H i
Mounting
• The displayed value may vary by 1 digit (0.01 kPa.D
{1 mmH2O.D}) maximum depending on whether the
sensor is installed vertically or horizontally.
Operation
• If setting is impossible even with pressing the MODE
key, verify whether the key-protect function is enabled.
Please note that pressing down on the MODE key for
an extended moment (for 4 sec. or more) will enable the
key-protect function as soon as the key is released. The
key-protect function is set when the display shows
and is released when the display shows
.
• If using the window comparator mode, lower threshold
value (M1) and upper threshold value (M2) should be set
with a difference of 3 digits (0.03 kPa.D {3 mmH2O.D})
or more. No output will be possible with a 0 to 2 digits
difference.
Conditions in use for CE conformity
• The
DP-M series is a CE conformity product complying
with EMC Directive. The harmonized standard with
regard to immunity that applies to this product is EN
61000-6-2 and the following condition must be met to
conform to that standard.
Conditions
• The sensor should be connected less than 10 m 32.808 ft
from the power supply.
• The signal line to connect with this sensor should be less
than 30 m 98.425 ft.
Piping
• Apply higher pressure to the Hi-port and lower pressure
to the Lo-port.
• Use flexible tubes (silicone tube etc.) that can fit the
pressure ports, ø4.6 mm ø0.181 in in diameter. The
tubes should cover more than half the length of the
pressure ports.
• TYGON® tube R-3603, size: internal dia 4 mm 0.157 in, external
dia 6 mm 0.236 in, manufactured by Saint-Gobain K. K. Contact
the manufacturer for details of the recommended product.
Recommended tube
Pressure Lo-port
Pressure Hi-port
Fix tubes on ports securely
Flexible tube (Silicone tube etc.)
Notes: 1) TYGON is registered trademarks of Saint-Gobain K. K.
2) Ensure that excessive pressure is not applied to the pressure
ports. Since this sensor is designed for detecting small pressures,
if excessive pressure or shock is applied to the pressure ports, the
diaphragm (pressure sensing device) in the sensor may get damaged.
3) Please do not compress the tube. If the tube is compressed,
pressure exceeding the rated value may be generated, damaging
the diaphragm (pressure sensing device).
• Never use this product as a sensing device
for personnel protection.
• In case of using sensing devices for
personnel protection, use products which
meet laws and standards, such as OSHA,
ANSI or IEC etc., for personnel protection
applicable in each region or country.
• The
DP-M series is designed for use with
non-corrosive gas. It cannot be used for liquid
or corrosive gas.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com