Electronic Components Datasheet Search
  English  ▼

X  

DP-M2 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # DP-M2
Description  Micro-differential Pressure High-precision Digital Pressure Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DP-M2 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  DP-M2 Datasheet HTML 1Page - Panasonic Semiconductor DP-M2 Datasheet HTML 2Page - Panasonic Semiconductor DP-M2 Datasheet HTML 3Page - Panasonic Semiconductor DP-M2 Datasheet HTML 4Page - Panasonic Semiconductor DP-M2 Datasheet HTML 5Page - Panasonic Semiconductor DP-M2 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
733 Micro-differentialPressureHigh-precisionDigitalPressureSensorDP-MSERIES
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
SAFETY LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
MANAGEMENT
SOLUTIONS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Selection
Guide
Pressure/
Digital Display
Pressure/
Head-separated
Flow
DP-0
DP-100
DP-M
PRECAUTIONS FOR PROPER USE
Refer to p.1566 for general precautions.
Functional description
Description
Function
1
3 digit LED
display (Red)
The measured differential pressure level, setting values,
error codes, and key protection sign are displayed.
2
M1 setting indicator (Red) Blinks in the lower threshold value (M1) setting mode.
3
M2 setting indicator (Red) Blinks in the upper threshold value (M2) setting mode.
4
Operation indicator (Orange) Lights up when the comparative output is ON.
5
Pressure unit
indicator
(mmH2O, kPa)
(Red)
• The indicator of the selected unit lights up
during the sensing mode.
• Both indicators light off during the initial setting
mode and during an error occurrence.
• The indicator of the selected unit blinks during the
upper and lower threshold value setting mode.
6
Increment key
(
)
• The settable digit is shifted
cyclically at every press of the key
during the initial setting mode.
• Pressing the key increases
the set value, in the upper and
lower threshold value setting
mode.
During the
sensing mode,
pressing both
switches
calibrates the
sensor into
atmospheric
zero.
7
Decrement key
(
)
• The set condition changes at
every press of the key during
the initial setting mode.
• Pressing the key decreases the
set value, in the upper and lower
threshold value setting mode.
8
Mode selection key
( MODE )
• Three modes, the sensing mode, the lower
threshold value (M1) setting mode, and the
upper threshold value (M2) setting mode, are
cyclically selected at every press of the key.
• During the sensing mode, pressing the key for
4 sec., or more, can make the key protection
either effective or ineffective.
• Holding the increment key (
) and
simultaneously pressing the mode selection
key brings the sensor from the sensing mode to
the initial setting mode.
9
Pressure Lo-port
Lower pressure should be applied.
10
Pressure Hi-port
Higher pressure should be applied.
1
2
3
4
6
7
8
10
9
5
5
Output mode and output operation
Hysteresis mode ( ) (M1 < M2)
• The lower threshold value and the upper threshold value
establish the hysteresis of the comparative output.
ON
OFF
ON
OFF
0
Hysteresis
Comparative
output
when set
to NC
Comparative
output
when set
to NO
Lower
threshold value
(M1)
Upper
threshold value
(M2)
High pressure
Window comparator mode ( ) (M1 < M2)
• The comparative outputs can be made ON or OFF by a
pressure within the limits set by the upper and the lower
threshold levels.
ON
OFF
ON
OFF
0
1 digit
1 digit
Hysteresis
Hysteresis
1 digit = 0.01 kPa.D
{1 mmH2O.D}
Lower
threshold value
(M1)
Upper
threshold value
(M2)
High pressure
Comparative
output
when set
to NC
Comparative
output
when set
to NO
Others
• Use within the rated pressure range.
• Do not apply pressure exceeding the pressure
withstandability value. The diaphragm will get damaged
and correct operation shall not be maintained.
• Do not use during the initial transient time (0.5 sec.) after
the power supply is switched on.
• Do not insert wires, etc., into the pressure port. The
diaphragm will get damaged and correct operation shall
not be maintained.
• Do not operate the keys with pointed or sharp objects.
• When operating in window comparator mode ( )
lower threshold value (M1) and upper threshold value
(M2) should be set with a difference of 3 digits
(0.03 kPa.D {3 mmH2O.D}) or more.
Wiring
• The analog current output of
DP-M2A does not incorporate
a short-circuit protection circuit. Do not connect it directly
to a power supply or a capacitive load.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com