Electronic Components Datasheet Search
  English  ▼

X  

DP-M2 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # DP-M2
Description  Micro-differential Pressure High-precision Digital Pressure Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DP-M2 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  DP-M2 Datasheet HTML 1Page - Panasonic Semiconductor DP-M2 Datasheet HTML 2Page - Panasonic Semiconductor DP-M2 Datasheet HTML 3Page - Panasonic Semiconductor DP-M2 Datasheet HTML 4Page - Panasonic Semiconductor DP-M2 Datasheet HTML 5Page - Panasonic Semiconductor DP-M2 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
729
Related Information
FIBER
SENSORS
LASER
SENSORS
PHOTOELECTRIC
SENSORS
MICRO
PHOTOELECTRIC
SENSORS
AREA
SENSORS
SAFETY LIGHT
CURTAINS /
SAFETY COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASUREMENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
PLC
HUMAN MACHINE
INTERFACES
ENERGY
MANAGEMENT
SOLUTIONS
FA COMPONENTS
MACHINE VISION
SYSTEMS
UV CURING
SYSTEMS
Selection
Guide
Pressure/
Digital Display
Pressure/
Head-separated
Flow
DP-0
DP-100
DP-M
DP-M SERIES
High accuracy & resolution
Digital
With analog
output
High accuracy and resolution
Due to differential pressure sensing, the pressure can be
set with a high resolution of 0.01 kPa.D {1 mmH2O.D}
over a pressure range of 0 to 2.00 kPa.D {0 to 204
mmH2O.D} and, moreover, the detection accuracy is
within ±1 % F.S.
Setting resolution
0.01 kPa.D
{1 mmH2O.D}
Repeatability
Within ±1 % F.S.
Lo
Hi
MODE
FUNCTIONS
Bright display and easy key operation
Three bright red 7-segment LEDs, 12 mm 0.472 in high,
are incorporated in the compact body. They can be
clearly read not only in a dark place, but also, in a well-
lit place. Further, initialization or pressure settings can
be easily done with key operation while looking at the
display.
Analog current output type: DP-M2A
DP-M2A is incorporated also with the analog current
output (4 to 20 mA). Hence, it is ideally suited for real
time monitoring and multi-point control in combination
with an analog controller (ultra-compact digital panel
controller
CA2 series).
VARIETIES
Pressure unit selectable
The pressure unit can be selected from “kPa” and
“mmH2O” according to your requirement. Further, during
measurement, the pressure unit can be recognized at a
glance from the pressure unit indicator.
kPa
mmH2O
When the pressure unit is changed, threshold values and the
measured pressure value are automatically converted.
The clogging of a filter can be reliably detected by
the differential pressure, indicating the time for filter
replacement.
Detecting clogging of filter
Versatile control with two output modes
1
Hysteresis mode
The lower threshold value and the upper threshold value
establish the hysteresis of the comparative output.
2
Window comparator mode
The comparative outputs can be made ON or OFF by a
pressure within the limits set by the upper and the lower
threshold levels.
■General terms and conditions.............F-3 ■Selection guide.............................P.699~
■Glossary of terms........................P.1563~ ■General precautions......................P.1566
Micro-differential Pressure High-precision Digital Pressure Sensor For Gas
panasonic.net/id/pidsx/global


Similar Part No. - DP-M2

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
DP-001 ADAM-TECH-DP-001 Datasheet
154Kb / 1P
DIN & MINI DIN PLUGS DP, DS, MDP & MDS SERIES
logo
Panasonic Semiconductor
DP-001 PANASONIC-DP-001 Datasheet
800Kb / 10P
Digital Pressure Sensor
DP-001-P PANASONIC-DP-001-P Datasheet
800Kb / 10P
Digital Pressure Sensor
logo
Adam Technologies, Inc.
DP-002 ADAM-TECH-DP-002 Datasheet
154Kb / 1P
DIN & MINI DIN PLUGS DP, DS, MDP & MDS SERIES
logo
Panasonic Semiconductor
DP-002 PANASONIC-DP-002 Datasheet
800Kb / 10P
Digital Pressure Sensor
More results

Similar Description - DP-M2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E8Y OMRON-E8Y Datasheet
798Kb / 9P
Differential Pressure Sensor
logo
Silicon Microstructures...
SM5391-BBE-S-001-000 SMI-SM5391-BBE-S-001-000 Datasheet
275Kb / 1P
Differential Pressure Sensor
SM5391-BCE-S-001-000 SMI-SM5391-BCE-S-001-000 Datasheet
372Kb / 1P
Differential Pressure Sensor
SM5391-BCE-S-001-001 SMI-SM5391-BCE-S-001-001 Datasheet
373Kb / 1P
Differential Pressure Sensor
SM6391-BCE-S-005-001 SMI-SM6391-BCE-S-005-001 Datasheet
277Kb / 1P
Differential Pressure Sensor
SM7391-BCE-S-002-000 SMI-SM7391-BCE-S-002-000 Datasheet
374Kb / 1P
Differential Pressure Sensor
SM7391-BCE-S-002-001 SMI-SM7391-BCE-S-002-001 Datasheet
374Kb / 1P
Differential Pressure Sensor
SM7391-BCE-S-005-000 SMI-SM7391-BCE-S-005-000 Datasheet
374Kb / 1P
Differential Pressure Sensor
SM7391-BCE-S-010-000 SMI-SM7391-BCE-S-010-000 Datasheet
373Kb / 1P
Differential Pressure Sensor
SM7391-BCE-S-014-000 SMI-SM7391-BCE-S-014-000 Datasheet
372Kb / 1P
Differential Pressure Sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com