Electronic Components Datasheet Search
  English  ▼

X  

INA228 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # INA228
Description  INA228 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With I2C Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA228 Datasheet(HTML) 38 Page - Texas Instruments

Back Button INA228 Datasheet HTML 34Page - Texas Instruments INA228 Datasheet HTML 35Page - Texas Instruments INA228 Datasheet HTML 36Page - Texas Instruments INA228 Datasheet HTML 37Page - Texas Instruments INA228 Datasheet HTML 38Page - Texas Instruments INA228 Datasheet HTML 39Page - Texas Instruments INA228 Datasheet HTML 40Page - Texas Instruments INA228 Datasheet HTML 41Page - Texas Instruments INA228 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
TIME (10 µs / div)
Minimum Delay: 12.4 µs
Maximum Delay: 37.9 µs
Fault Threshold: 0.2 V
Figure 8-3. Alert Response Time (Sampled Values
Significantly Above Threshold)
TIME (10 µs / div)
Minimum Delay: 24 µs
Maximum Delay: 73.2 µs
Fault Threshold: 1.9 V
Figure 8-4. Alert Response Time (Sampled Values
Slightly Above Threshold)
INA228
SLYS021 – JANUARY 2021
www.ti.com
38
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com