Electronic Components Datasheet Search
  English  ▼

X  

INA228 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # INA228
Description  INA228 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With I2C Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA228 Datasheet(HTML) 24 Page - Texas Instruments

Back Button INA228 Datasheet HTML 20Page - Texas Instruments INA228 Datasheet HTML 21Page - Texas Instruments INA228 Datasheet HTML 22Page - Texas Instruments INA228 Datasheet HTML 23Page - Texas Instruments INA228 Datasheet HTML 24Page - Texas Instruments INA228 Datasheet HTML 25Page - Texas Instruments INA228 Datasheet HTML 26Page - Texas Instruments INA228 Datasheet HTML 27Page - Texas Instruments INA228 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
Table 7-6. ADC_CONFIG Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
2-0
AVG
R/W
0h
Selects ADC sample averaging count. The averaging setting applies
to all active inputs.
When >0h, the output registers are updated after the averaging has
completed.
0h = 1
1h = 4
2h = 16
3h = 64
4h = 128
5h = 256
6h = 512
7h = 1024
7.6.1.3 Shunt Calibration (SHUNT_CAL) Register (Address = 2h) [reset = 1000h]
The SHUNT_CAL register is shown in Table 7-7.
Return to the Summary Table.
Table 7-7. SHUNT_CAL Register Field Descriptions
Bit
Field
Type
Reset
Description
15
RESERVED
R
0h
Reserved. Always reads 0.
14-0
CURRLSB
R/W
1000h
The register provides the device with a conversion constant value
that represents shunt resistance used to calculate current value in
Amperes.
This also sets the resolution for the CURRENT register.
Value calculation under Section 8.1.2.
7.6.1.4 Shunt Temperature Coefficient (SHUNT_TEMPCO) Register (Address = 3h) [reset = 0h]
The SHUNT_TEMPCO register is shown in Table 7-8.
Return to the Summary Table.
Table 7-8. SHUNT_TEMPCO Register Field Descriptions
Bit
Field
Type
Reset
Description
15-14
RESERVED
R
0h
Reserved. Always reads 0.
13-0
TEMPCO
R/W
0h
Temperature coefficient of the shunt for temperature compensation
correction. Calculated with respect to +25°C.
The full scale value of the register is 16383 ppm/°C.
The 16 bit register provides a resolution of 1ppm/°C/LSB
0h = 0 ppm/°C
3FFFh = 16383 ppm/°C
7.6.1.5 Shunt Voltage Measurement (VSHUNT) Register (Address = 4h) [reset = 0h]
The VSHUNT register is shown in Table 7-9.
Return to the Summary Table.
Table 7-9. VSHUNT Register Field Descriptions
Bit
Field
Type
Reset
Description
23-4
VSHUNT
R
0h
Differential voltage measured across the shunt output. Two's
complement value.
Conversion factor:
312.5 nV/LSB when ADCRANGE = 0
78.125 nV/LSB when ADCRANGE = 1
INA228
SLYS021 – JANUARY 2021
www.ti.com
24
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com