Electronic Components Datasheet Search
  English  ▼

X  

INA228 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # INA228
Description  INA228 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With I2C Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA228 Datasheet(HTML) 27 Page - Texas Instruments

Back Button INA228 Datasheet HTML 23Page - Texas Instruments INA228 Datasheet HTML 24Page - Texas Instruments INA228 Datasheet HTML 25Page - Texas Instruments INA228 Datasheet HTML 26Page - Texas Instruments INA228 Datasheet HTML 27Page - Texas Instruments INA228 Datasheet HTML 28Page - Texas Instruments INA228 Datasheet HTML 29Page - Texas Instruments INA228 Datasheet HTML 30Page - Texas Instruments INA228 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
Table 7-16. DIAG_ALRT Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
10
CHARGEOF
R
0h
This bit indicates the health of the CHARGE register.
If the 40 bit CHARGE register has overflowed this bit is set to 1.
0h = Normal
1h = Overflow
Clears when the CHARGE register is read.
9
MATHOF
R
0h
This bit is set to 1 if an arithmetic operation resulted in an overflow
error.
It indicates that current and power data may be invalid.
0h = Normal
1h = Overflow
Must be manually cleared by triggering another conversion or by
clearing the accumulators with the RSTACC bit.
8
RESERVED
R
0h
Reserved. Always read 0.
7
TMPOL
R/W
0h
This bit is set to 1 if the temperature measurement exceeds the
threshold limit in the temperature over-limit register.
0h = Normal
1h = Over Temp Event
When ALATCH =1 this bit is cleared by reading the DIAG_ALERT
register.
6
SHNTOL
R/W
0h
This bit is set to 1 if the shunt voltage measurement exceeds the
threshold limit in the shunt over-limit register.
0h = Normal
1h = Over Shunt Voltage Event
When ALATCH =1 this bit is cleared by reading the register.
5
SHNTUL
R/W
0h
This bit is set to 1 if the shunt voltage measurement falls below the
threshold limit in the shunt under-limit register.
0h = Normal
1h = Under Shunt Voltage Event
When ALATCH =1 this bit is cleared by reading the register.
4
BUSOL
R/W
0h
This bit is set to 1 if the bus voltage measurement exceeds the
threshold limit in the bus over-limit register.
0h = Normal
1h = Bus Over-Limit Event
When ALATCH =1 this bit is cleared by reading the register.
3
BUSUL
R/W
0h
This bit is set to 1 if the bus voltage measurement falls below the
threshold limit in the bus under-limit register.
0h = Normal
1h = Bus Under-Limit Event
When ALATCH =1 this bit is cleared by reading the register.
2
POL
R/W
0h
This bit is set to 1 if the power measurement exceeds the threshold
limit in the power limit register.
0h = Normal
1h = Power Over-Limit Event
When ALATCH =1 this bit is cleared by reading the register.
1
CNVRF
R/W
0h
This bit is set to 1 if the conversion is completed.
0h = Normal
1h = Conversion is complete
When ALATCH =1 this bit is cleared by reading the register or
starting a new triggered conversion.
0
MEMSTAT
R/W
1h
This bit is set to 0 if a checksum error is detected in the device trim
memory space.
0h = Memory Checksum Error
1h = Normal Operation
www.ti.com
INA228
SLYS021 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: INA228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com