Electronic Components Datasheet Search
  English  ▼

X  

INA228 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # INA228
Description  INA228 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With I2C Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA228 Datasheet(HTML) 26 Page - Texas Instruments

Back Button INA228 Datasheet HTML 22Page - Texas Instruments INA228 Datasheet HTML 23Page - Texas Instruments INA228 Datasheet HTML 24Page - Texas Instruments INA228 Datasheet HTML 25Page - Texas Instruments INA228 Datasheet HTML 26Page - Texas Instruments INA228 Datasheet HTML 27Page - Texas Instruments INA228 Datasheet HTML 28Page - Texas Instruments INA228 Datasheet HTML 29Page - Texas Instruments INA228 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
7.6.1.10 Energy Result (ENERGY) Register (Address = 9h) [reset = 0h]
The ENERGY register is shown in Table 7-14.
Return to the Summary Table.
Table 7-14. ENERGY Register Field Descriptions
Bit
Field
Type
Reset
Description
39-0
ENERGY
R
0h
Calculated energy output.
Output value is in Joules.Unsigned representation. Positive value.
Value description under Section 8.1.2.
7.6.1.11 Charge Result (CHARGE) Register (Address = Ah) [reset = 0h]
The CHARGE register is shown in Table 7-15.
Return to the Summary Table.
Table 7-15. CHARGE Register Field Descriptions
Bit
Field
Type
Reset
Description
39-0
CHARGE
R
0h
Calculated charge output. Output value is in Coulombs.Two's
complement value.
Value description under Section 8.1.2.
7.6.1.12 Diagnostic Flags and Alert (DIAG_ALRT) Register (Address = Bh) [reset = 0001h]
The DIAG_ALRT register is shown in Table 7-16.
Return to the Summary Table.
Table 7-16. DIAG_ALRT Register Field Descriptions
Bit
Field
Type
Reset
Description
15
ALATCH
R/W
0h
When the Alert Latch Enable bit is set to Transparent mode, the Alert
pin and Flag bit reset to the idle state when the fault has been
cleared.
When the Alert Latch Enable bit is set to Latch mode, the Alert pin
and Alert Flag bit remain active following a fault until the DIAG_ALRT
Register has been read.
0h = Transparent
1h = Latched
14
CNVR
R/W
0h
Setting this bit high configures the Alert pin to be asserted when the
Conversion Ready Flag (bit 1) is asserted, indicating that a
conversion cycle has completed.
0h = Disable conversion ready flag on ALERT pin
1h = Enables conversion ready flag on ALERT pin
13
SLOWALERT
R/W
0h
ALERT function is asserted on the completed averaged value.
This gives the flexibility to delay the ALERT after the averaged value.
0h = ALERT comparison on non-averaged (ADC) value
1h = ALERT comparison on Averaged value
12
APOL
R/W
0h
Alert Polarity bit sets the Alert pin polarity.
0h = Normal (Active-low, open-drain)
1h = Inverted (active-high, open-drain )
11
ENERGYOF
R
0h
This bit indicates the health of the ENERGY register.
If the 40 bit ENERGY register has overflowed this bit is set to 1.
0h = Normal
1h = Overflow
Clears when the ENERGY register is read.
INA228
SLYS021 – JANUARY 2021
www.ti.com
26
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com