Electronic Components Datasheet Search
  English  ▼

X  

INA228 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # INA228
Description  INA228 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With I2C Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA228 Datasheet(HTML) 25 Page - Texas Instruments

Back Button INA228 Datasheet HTML 21Page - Texas Instruments INA228 Datasheet HTML 22Page - Texas Instruments INA228 Datasheet HTML 23Page - Texas Instruments INA228 Datasheet HTML 24Page - Texas Instruments INA228 Datasheet HTML 25Page - Texas Instruments INA228 Datasheet HTML 26Page - Texas Instruments INA228 Datasheet HTML 27Page - Texas Instruments INA228 Datasheet HTML 28Page - Texas Instruments INA228 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
Table 7-9. VSHUNT Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
3-0
RESERVED
R
0h
Reserved. Always reads 0.
7.6.1.6 Bus Voltage Measurement (VBUS) Register (Address = 5h) [reset = 0h]
The VBUS register is shown in Table 7-10.
Return to the Summary Table.
Table 7-10. VBUS Register Field Descriptions
Bit
Field
Type
Reset
Description
23-4
VBUS
R
0h
Bus voltage output. Two's complement value, however always
positive.
Conversion factor: 195.3125 µV/LSB
3-0
RESERVED
R
0h
Reserved. Always reads 0.
7.6.1.7 Temperature Measurement (DIETEMP) Register (Address = 6h) [reset = 0h]
The DIETEMP register is shown in Table 7-11.
Return to the Summary Table.
Table 7-11. DIETEMP Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
DIETEMP
R
0h
Internal die temperature measurement. Two's complement value.
Conversion factor: 7.8125 m°C/LSB
7.6.1.8 Current Result (CURRENT) Register (Address = 7h) [reset = 0h]
The CURRENT register is shown in Table 7-12.
Return to the Summary Table.
Table 7-12. CURRENT Register Field Descriptions
Bit
Field
Type
Reset
Description
23-4
CURRENT
R
0h
Calculated current output in Amperes. Two's complement value.
Value description under Section 8.1.2.
3-0
RESERVED
R
0h
Reserved. Always reads 0.
7.6.1.9 Power Result (POWER) Register (Address = 8h) [reset = 0h]
The POWER register is shown in Table 7-13.
Return to the Summary Table.
Table 7-13. POWER Register Field Descriptions
Bit
Field
Type
Reset
Description
23-0
POWER
R
0h
Calculated power output.
Output value in watts.
Unsigned representation. Positive value.
Value description under Section 8.1.2.
www.ti.com
INA228
SLYS021 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: INA228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com