Electronic Components Datasheet Search
  English  ▼

X  

INA228 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # INA228
Description  INA228 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With I2C Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA228 Datasheet(HTML) 28 Page - Texas Instruments

Back Button INA228 Datasheet HTML 24Page - Texas Instruments INA228 Datasheet HTML 25Page - Texas Instruments INA228 Datasheet HTML 26Page - Texas Instruments INA228 Datasheet HTML 27Page - Texas Instruments INA228 Datasheet HTML 28Page - Texas Instruments INA228 Datasheet HTML 29Page - Texas Instruments INA228 Datasheet HTML 30Page - Texas Instruments INA228 Datasheet HTML 31Page - Texas Instruments INA228 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
7.6.1.13 Shunt Overvoltage Threshold (SOVL) Register (Address = Ch) [reset = 7FFFh]
If negative values are entered in this register, then a shunt voltage measurement of 0 V will trip this alarm. When
using negative values for the shunt under and overvoltage thresholds be aware that the over voltage threshold
must be set to the larger (that is, less negative) of the two values. The SOVL register is shown in Table 7-17.
Return to the Summary Table.
Table 7-17. SOVL Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
SOVL
R/W
7FFFh
Sets the threshold for comparison of the value to detect Shunt
Overvoltage (overcurrent protection). Two's complement value.
Conversion Factor: 5 µV/LSB when ADCRANGE = 0
1.25 µV/LSB when ADCRANGE = 1.
7.6.1.14 Shunt Undervoltage Threshold (SUVL) Register (Address = Dh) [reset = 8000h]
The SUVL register is shown in Table 7-18.
Return to the Summary Table.
Table 7-18. SUVL Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
SUVL
R/W
8000h
Sets the threshold for comparison of the value to detect Shunt
Undervoltage (undercurrent protection). Two's complement value.
Conversion Factor: 5 µV/LSB when ADCRANGE = 0
1.25 µV/LSB when ADCRANGE = 1.
7.6.1.15 Bus Overvoltage Threshold (BOVL) Register (Address = Eh) [reset = 7FFFh]
The BOVL register is shown in Table 7-19.
Return to the Summary Table.
Table 7-19. BOVL Register Field Descriptions
Bit
Field
Type
Reset
Description
15
Reserved
R
0h
Reserved. Always reads 0.
14-0
BOVL
R/W
7FFFh
Sets the threshold for comparison of the value to detect Bus
Overvoltage (overvoltage protection). Unsigned representation,
positive value only. Conversion factor: 3.125 mV/LSB.
7.6.1.16 Bus Undervoltage Threshold (BUVL) Register (Address = Fh) [reset = 0h]
The BUVL register is shown in Table 7-20.
Return to the Summary Table.
Table 7-20. BUVL Register Field Descriptions
Bit
Field
Type
Reset
Description
15
Reserved
R
0h
Reserved. Always reads 0.
14-0
BUVL
R/W
0h
Sets the threshold for comparison of the value to detect Bus
Undervoltage (undervoltage protection). Unsigned representation,
positive value only. Conversion factor: 3.125 mV/LSB.
INA228
SLYS021 – JANUARY 2021
www.ti.com
28
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com