Electronic Components Datasheet Search
  English  ▼

X  

INA290 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # INA290
Description  INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA290 Datasheet(HTML) 4 Page - Texas Instruments

  INA290 Datasheet HTML 1Page - Texas Instruments INA290 Datasheet HTML 2Page - Texas Instruments INA290 Datasheet HTML 3Page - Texas Instruments INA290 Datasheet HTML 4Page - Texas Instruments INA290 Datasheet HTML 5Page - Texas Instruments INA290 Datasheet HTML 6Page - Texas Instruments INA290 Datasheet HTML 7Page - Texas Instruments INA290 Datasheet HTML 8Page - Texas Instruments INA290 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Vs
Supply voltage
–0.3
22
V
VIN+, VIN– (2)
Analog inputs, differential (VIN+) – (VIN–)
–30
30
V
Analog inputs, common - mode
–20
122
V
VOUTx
Analog outputs, output voltage
GND – 0.3
Vs + 0.3
V
TA
Operating temperature
–55
150
°C
TJ
Junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
VIN+ and VIN– are the voltages at the VIN+ and VIN– pins, respectively.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V
Charged device model (CDM), per JEDEC specification JESD22-C101, all
pins(2)
±1000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCM
Common-mode input range(1)
VS
48
120
V
VS
Operating supply range
2.7
5
20
V
TA
Ambient temperature
–40
125
°C
(1)
Common-mode voltage can go below VS under certain conditions. See Figure 7-1 for additional information on operating range.
6.4 Thermal Information
THERMAL METRIC(1)
INA2290
INA290
UNIT
DGK (VSSOP)
DCK (SC-70)
8 PINS
5 PINS
RθJA
Junction-to-ambient thermal resistance
169.3
191.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
60.1
144.4
°C/W
RθJB
Junction-to-board thermal resistance
91.3
69.2
°C/W
ΨJT
Junction-to-top characterization parameter
8.3
46.2
°C/W
ΨJB
Junction-to-board characterization parameter
89.7
69.0
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
INA290, INA2290
SBOS961B – JUNE 2020 – REVISED DECEMBER 2020
www.ti.com
4
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: INA290 INA2290



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com